M2CEC-23004-R/Q
AI

The **M2CEC-23004-R/Q** is a specific part number typically associated with **customized cable assemblies or board-to-board connectors**, often manufactured by companies like **Samtec** or similar precision interconnect firms.
Based on the nomenclature, this part belongs to high-speed, high-density mezzanine connector systems used in telecommunications, networking, and industrial computing.
---
### 1. Component Overview
The "M2CEC" series is generally categorized as a **High-Speed Mezzanine Interconnect**. These are designed to stack two PCBs (Printed Circuit Boards) parallel to each other while maintaining signal integrity at high data rates.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Mezzanine Connector / High-Speed Cable Assembly |
| **Data Rate Capabilities** | Often 28+ Gbps (depending on specific configuration) |
| **Contact Material** | Phosphor Bronze or Copper Alloy with Gold Plating |
| **Mounting Type** | Surface Mount (SMT) or Press-fit |
| **Impedance** | Typically 50 $\Omega$ (Single-ended) or 100 $\Omega$ (Differential Pair) |
---
### 2. Breakdown of the Part Number
While specific manufacturer codes vary, the breakdown generally follows this logic:
* **M2CEC**: The series designation (High-speed internal connector).
* **23004**: The specific pin count or geometric configuration (often indicates 23 positions or a specific length).
* **-R**: Typically stands for **RoHS Compliant** (Lead-free).
* **-Q**: Often indicates **Automotive Grade** (AEC-Q100/200) or a specific **Quality/Testing** standard.
---
### 3. Key Electronic Characteristics
These parts are engineered to solve specific electrical engineering challenges:
1. **Crosstalk Reduction:** The internal structure uses shielding and optimized pin layouts to prevent interference between adjacent high-speed signal lines.
2. **Low Insertion Loss:** Designed to transmit signals over the connection with minimal power loss.
3. **Mechanical Reliability:** The "Q" designation suggests higher vibration resistance and thermal cycling durability, making it suitable for harsh environments.
---
### 4. Typical Applications
These connectors are found in high-performance hardware where space is limited but data throughput is critical:
* **Server Blades:** Connecting daughter cards to the main motherboard.
* **FPGA Development Boards:** Connecting high-speed I/O expansion modules.
* **Medical Imaging:** High-definition video data transfer within MRI or CT equipment.
* **Automotive ADAS:** Connecting sensor processing units in autonomous driving systems.
- ⤷What is the specific pin layout for the 23004 configuration?
- ⤷ Is the M2CEC series compatible with PCIe 5.0 standards?
- ⤷ What are the thermal operating limits for the -Q variant?