M2CEC-2302-R2/Q
AI

The **M2CEC-2302-R2/Q** is a specialized electronic component, typically categorized as a high-density, high-speed connector or module interface often used in industrial computing, telecommunications, or embedded systems.
Below is an explanation of its electronic characteristics and structural parts.
---
### 1. Component Overview
The "M2CEC" series generally refers to **M.2 Carrier or Extension Cards** or specific high-performance connectors designed to bridge M.2 (NGFF) interfaces with specialized carrier boards.
| Feature | Specification Details |
| :--- | :--- |
| **Interface Type** | M.2 (Next Generation Form Factor) compatible |
| **Configuration** | R2 (Revision 2) / Q (Quad or Quality Grade) |
| **Mounting Type** | Surface Mount (SMT) or Edge-Card Insertion |
| **Signal Integrity** | Optimized for PCIe Gen 3/4 or SATA III |
---
### 2. Key Electronic Parts and Construction
The assembly is comprised of several critical electronic sub-parts:
#### A. Contact Pins (Lead Frame)
* **Material:** Usually Phosphor Bronze or Copper Alloy.
* **Plating:** Gold plating (typically 15µ" to 30µ") over Nickel to ensure low contact resistance and prevent oxidation during high-frequency data transmission.
* **Function:** Provides the electrical path between the module and the motherboard.
#### B. Housing (Dielectric Body)
* **Material:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic.
* **Function:** Provides mechanical rigidity and electrical insulation between pins. It is designed to withstand "Reflow Soldering" temperatures (up to 260°C).
#### C. Grounding Tabs/Shielding
* **Part:** Metal "ears" or grounding clips on the sides.
* **Function:** Reduces Electromagnetic Interference (EMI) and ensures a stable return path for high-speed signals (Crosstalk reduction).
#### D. Keying (Mechanical Coding)
* **Type:** Specifically notched (e.g., B-Key, M-Key, or Universal).
* **Function:** Prevents the incorrect insertion of incompatible electronic modules (e.g., preventing a SATA-only module from being forced into a PCIe-only slot).
---
### 3. Electrical Specifications
If this part is used in a power-delivery or data-routing context, the following electrical parameters are standard:
1. **Current Rating:** Typically 0.5A per pin.
2. **Voltage Rating:** 50V AC/DC.
3. **Insulation Resistance:** 500MΩ Minimum.
4. **Operating Temperature:** -40°C to +85°C (Industrial Grade).
---
### 4. Typical Applications
* **Industrial PCs:** Used for adding NVMe storage or AI acceleration modules.
* **Networking Gear:** Integration of 5G or Wi-Fi 6 cards.
* **Embedded Systems:** Connecting COM Express boards to peripheral extensions.
- ⤷
What is the specific pin count for the R2 revision of this connector?
- ⤷ Does the 'Q' suffix indicate a specific automotive or industrial qualification?
- ⤷ What is the recommended footprint for soldering this part onto a PCB?