M2CEC-2350A-R2/Q
AI

Based on the model number, the **M2CEC-2350A-R2/Q** is an industrial-grade **COM Express Type 6 Compact Module** manufactured by **IEI Integration Corp**. It is designed for high-performance computing in embedded environments.
---
### 1. Core Technical Specifications
The device is built around the Intel® Core™ processor family, specifically designed for mobile and embedded applications.
| Component | Specification Details |
| :--- | :--- |
| **Processor (CPU)** | Intel® Core™ i3-6100U (2.3GHz, Dual-core) |
| **Form Factor** | COM Express Compact (95mm x 95mm) |
| **Module Type** | Type 6 (Standard Pinout) |
| **Memory Support** | Dual-channel DDR4 SO-DIMM (Up to 32GB) |
| **Graphics** | Intel® HD Graphics 520 |
| **Ethernet** | Intel® I219-LM PCIe Controller (10/100/1000 Mbps) |
---
### 2. Connectivity and I/O Interfaces
The electronic design provides a high density of I/O signals through the COM Express connectors, which are then broken out by a carrier board.
* **Display Outputs:**
* 3 x Digital Display Interfaces (DDI) supporting HDMI, DVI, or DisplayPort.
* 1 x 18/24-bit dual-channel LVDS or eDP.
* **Expansion Buses:**
* 8 x PCIe x1 lanes (Gen 3).
* LPC bus for legacy peripherals.
* SMBus and I2C interface.
* **Storage & USB:**
* 3 x SATA 6Gb/s ports.
* 4 x USB 3.0 and 8 x USB 2.0 ports.
---
### 3. Electronic Protection and Build
This module is engineered for reliability in industrial settings ("R2" indicates a specific revision, often with updated component lifecycles or minor PCB optimizations).
* **Power Input:** +12V primary input and +5V standby power.
* **Operating Temperature:** Standard range (0°C to 60°C), though some variants support extended ranges.
* **TPM Support:** Integrated header for Trusted Platform Module (TPM) 2.0 for hardware-based security.
* **Watchdog Timer:** Programmable 1~255 sec/min system reset.
---
### 4. Application Areas
Due to its compact size and low power consumption (TDP of approximately 15W), it is used in:
1. **Medical Imaging:** Ultrasound and portable diagnostics.
2. **Industrial Automation:** Machine vision and HMI controllers.
3. **Military/Aerospace:** Ruggedized field computing.
---
- ⤷What is the difference between COM Express Type 6 and Type 10?
- ⤷ Which carrier board is compatible with the M2CEC-2350A?
- ⤷ What are the power consumption requirements for the i3-6100U version?