M2CEC-24002-R2/Q
AI

The **M2CEC-24002-R2/Q** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke**. These parts are essential in power management and signal integrity, primarily used to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) in electronic circuits.
---
### 1. Key Technical Specifications
While specific data sheets can vary by manufacturer (often associated with brands like *Mag.Layers* or *Chilisin*), this part number generally follows these technical parameters:
| Parameter | Estimated Value/Range |
| :--- | :--- |
| **Component Type** | Common Mode Choke / Filter |
| **Impedance** | 2400 $\Omega$ (at 100MHz) |
| **Rated Current** | 0.2A - 0.5A (Typical) |
| **DC Resistance (DCR)** | Max 0.3 - 0.8 $\Omega$ |
| **Package Size** | 2012 (Metric) / 0805 (Inch) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Functional Electronic Roles
The M2CEC series performs two primary functions within a circuit:
1. **EMI Suppression:** It filters out high-frequency noise that travels in the same direction on two signal lines (Common Mode), while allowing the actual signal (Differential Mode) to pass through unaffected.
2. **Signal Integrity:** By reducing noise, it prevents data corruption in high-speed communication lines.
---
### 3. Deciphering the Part Number
Though naming conventions vary, the string is usually broken down as follows:
* **M2CEC:** The series designation (Multilayer Common Mode Filter).
* **2400:** Represents the **Impedance** value (2400 Ohms).
* **2:** Usually indicates the number of lines/windings (2 lines).
* **R2:** Typically refers to the Rated Current (e.g., 0.2 Amperes).
* **Q:** Often denotes **Automotive Grade** qualification (AEC-Q200) or a specific packaging/tolerance code.
---
### 4. Common Applications
These components are frequently found in compact consumer electronics and automotive systems where space is limited:
* **USB Lines:** Filtering noise on USB 2.0/3.0 data pairs.
* **LVDS/HDMI:** Protecting high-speed video interfaces.
* **CAN-Bus:** Used in automotive networking to ensure clean communication between ECUs.
* **Power Supplies:** Filtering small-scale DC-DC converter outputs.
---
### 5. Schematic Representation
In a circuit diagram, the part is represented as two coupled inductors:
```text
Line 1 In o---( Inductor )---o Line 1 Out
( Core )
Line 2 In o---( Inductor )---o Line 2 Out
```
- ⤷
What is the difference between Common Mode and Differential Mode noise?
- ⤷ Can this part be substituted with a standard inductor in a circuit?
- ⤷ What does the AEC-Q200 qualification mean for this component?