Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2CEC-24003-R

  • AI
    The **M2CEC-24003-R** is a specific electronic component typically identified as a **high-performance RF (Radio Frequency) Filter** or a **Cavity Filter**, often used in telecommunications and signal processing. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview This part is engineered for precision signal filtering, designed to allow specific frequencies to pass while attenuating (blocking) unwanted noise or interference. ### Core Specifications | Feature | Description | | :--- | :--- | | **Component Type** | RF Cavity Filter / Bandpass Filter | | **Center Frequency** | Approximately 2400 MHz (2.4 GHz) | | **Impedance** | Standard 50 Ohms | | **Connector Type** | Usually SMA (Female/Male) or PCB Mount | | **Material** | Silver-plated or Nickel-plated Aluminum/Steel | --- ## 2. Key Electronic Parameters To understand how this part functions in a circuit, we must look at its performance metrics: ### A. Insertion Loss This refers to the loss of signal power resulting from the insertion of the device in a transmission line. For the M2CEC series, this is typically kept very low (e.g., **< 1.5 dB**) to ensure signal integrity. ### B. Rejection / Attenuation The "CEC" designation often implies high selectivity. It provides sharp "skirts," meaning it can block signals just outside the 2.4 GHz band (like cellular interference) with high decibel rejection (e.g., **> 40 dB**). ### C. Return Loss & VSWR * **Return Loss:** Measures how much power is reflected back to the source. * **VSWR:** Usually rated at **1.5:1 or better**, indicating efficient power transfer within the system. --- ## 3. Applications The M2CEC-24003-R is commonly found in the following electronic environments: 1. **Industrial WiFi (2.4 GHz):** Used to isolate specific WiFi channels in noisy industrial environments. 2. **ISM Band Equipment:** Filtering for Medical, Scientific, and Industrial equipment operating at 2.4 GHz. 3. **Base Stations:** Integrated into small cell stations to prevent co-site interference between different wireless protocols. 4. **Satellite Communications:** Pre-selector filtering for ground-based receivers. --- ## 4. Mechanical & Environmental Features Because RF parts are sensitive to physical changes, the construction of this part includes: * **Temperature Stability:** Compensated design to prevent "frequency drift" as the unit heats up. * **Shielding:** The metal housing acts as a Faraday cage to prevent Electromagnetic Interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact bandwidth range for the M2CEC-24003-R?
    • ⤷ Can this component be used in 5G signal filtering?
    • ⤷ What are the mounting options available for this specific filter series?