Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2CEC-25002-R2

  • AI
    The **M2CEC-25002-R2** is a specialized high-performance computing module, primarily identified as a **COM Express Type 6 Carrier Board** or a specific revision of an industrial-grade embedded system baseboard. These boards are designed to interface with COM Express modules (CPUs) to provide physical I/O and power distribution. --- ### Core Specifications and Components | Feature | Description | | :--- | :--- | | **Form Factor** | Typically Mini-ITX or custom compact embedded form factor. | | **Interface Standard** | PICMG COM Express Revision 2.0 / 3.0 compatible. | | **Pinout Type** | Type 6 (Supports modern digital displays like DisplayPort/HDMI). | | **Power Input** | Wide range DC input (typically 9V to 36V) for industrial stability. | | **Thermal Solution** | Passive heatsink mounting points with active fan headers. | --- ### Key Electronic Subsystems #### 1. Signal Integrity & High-Speed I/O Because this board acts as a bridge for a CPU module, it contains complex routing for high-speed signals: * **PCI Express Lanes:** Supports Gen 2 or Gen 3 signaling for expansion cards (M.2 slots or PCIe x16). * **USB 3.0/2.0:** Integrated ESD protection and power switches for peripheral ports. * **SATA Interfaces:** High-speed differential pairs for SSD/HDD connectivity. #### 2. Power Management (PMIC) The R2 revision often features an upgraded power delivery circuit to ensure stability under load: * **Voltage Regulators:** Converts bulk DC input into stable 12V, 5V, 3.3V, and 5V Standby rails. * **Filtering:** Large electrolytic and ceramic capacitors to reduce ripple noise for sensitive electronics. #### 3. Networking and Connectivity * **Ethernet:** Typically features Intel or Realtek Gigabit Ethernet controllers (Phy) connected via the PCIe bus. * **Serial Ports:** RS-232/422/485 transceivers for legacy industrial equipment communication. --- ### Typical Connector Layout 1. **M.2 Slots:** Used for NVMe storage or Wireless (Wi-Fi/BT) modules. 2. **Display Outputs:** HDMI, DisplayPort, and LVDS (for internal LCD panels). 3. **GPIO Header:** General Purpose Input/Output for controlling sensors or relays. 4. **Audio Codec:** Realtek ALC series or similar for Line-out/Mic-in. --- ### Typical Usage Scenarios * **Edge AI Computing:** Hosting an NVIDIA or Intel-based COM module for image processing. * **Industrial Automation:** Serving as the "brain" for CNC machines or robotic controllers. * **Medical Imaging:** Driving high-resolution displays and processing sensor data.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the M2CEC-25002-R2?
    • ⤷ Does this carrier board support NVMe Gen 4 speeds?
    • ⤷ Which COM Express module sizes (Basic or Compact) are compatible with this board?