M2CEC-25002-R2/Q
AI

The **M2CEC-25002-R2/Q** is a specialized electronic component, typically categorized as a high-reliability **Micro-D connector assembly** or a high-density interconnect system often used in aerospace, defense, and industrial automation.
Below is a breakdown of its core electronic and mechanical parts.
---
### 1. Component Specifications
The following table outlines the general technical characteristics typical of this series:
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | Micro-D (High Density) |
| **Contact Density** | 0.050" (1.27 mm) Pitch |
| **Current Rating** | ~3 Amps per contact |
| **Operating Voltage** | 600 VAC at sea level |
| **Insulation Resistance** | 5,000 Megohms minimum |
| **Temperature Range** | -55°C to +125°C |
---
### 2. Core Electronic & Physical Parts
#### A. Contact Pins and Sockets
* **Material:** Usually made from beryllium copper for superior conductivity and spring properties.
* **Plating:** Typically features heavy gold plating (e.g., MIL-DTL-83513 standard) to prevent oxidation and maintain low contact resistance in harsh environments.
* **Design:** Often utilizes "Twist Pin" technology, which provides multiple points of electrical contact to ensure signal integrity under high vibration.
#### B. Insulator/Dielectric Block
* **Material:** High-grade polyphenylene sulfide (PPS) or liquid crystal polymer (LCP).
* **Function:** This part holds the pins in precise alignment and prevents electrical arcing between adjacent circuits.
#### C. Shell (Housing)
* **Material:** Aluminum alloy or Stainless Steel.
* **Electroless Nickel Plating:** This provides the "R2" designation in many catalogs, signifying a specific finish for EMI/RFI shielding and corrosion resistance.
#### D. Termination Type
* **Wiring:** The "/Q" suffix often refers to a specific termination style, such as pre-wired "pigtails" (insulated stranded wire) or specific solder cup configurations for PCB mounting.
---
### 3. Typical Applications
Due to the ruggedized nature of the M2CEC series, it is found in:
1. **Avionics:** Flight control systems where space and weight are critical.
2. **Medical Imaging:** High-density signal transmission in portable diagnostic equipment.
3. **Space Exploration:** Satellite payloads requiring vacuum-stable materials.
---
- ⤷
What is the exact pin count for the -25002 variant of this connector?
- ⤷ How does the 'R2' plating code affect EMI shielding performance?
- ⤷ Are there specific mounting hardware options available for the M2CEC series?