AI

The **M2CEC-2500F-R2/Q** is a high-performance industrial-grade embedded computing system, typically part of a modular series designed for edge AI, automation, and rugged environments.
---
## 1. Core Hardware Specifications
This system is built around high-efficiency processing and versatile connectivity. Below are the primary electronic components:
| Component Category | Specification Details |
| :--- | :--- |
| **Processor (CPU)** | Intel® Core™ i7/i5/i3 or Celeron® (depending on specific configuration) |
| **Memory (RAM)** | Dual-channel DDR4 SODIMM slots, supporting up to 64GB |
| **Storage Interface** | 1x M.2 M-Key (SATA/NVMe), 1x mSATA, and 2.5" SATA SSD/HDD support |
| **Graphics** | Integrated Intel® UHD Graphics (supports dual independent displays) |
| **Expansion Slots** | M.2 E-Key (WiFi/BT), M.2 B-Key (LTE/5G), and Mini-PCIe |
---
## 2. Key Electronic Features
The "R2/Q" designation usually refers to specific revisions or feature sets regarding reliability and power management.
### Power Management
* **Wide DC Input:** Typically supports a broad voltage range (e.g., 9V to 36V DC) to handle fluctuating industrial power sources.
* **Ignition Control:** Features power-on/off delay settings, essential for vehicle-based electronic installations.
### Thermal & Mechanical Design
* **Fanless Cooling:** The chassis acts as a large heatsink, using passive thermal dissipation to prevent dust intake and mechanical failure.
* **Ruggedized Circuitry:** Built with industrial-grade capacitors and resistors to withstand high vibration and temperatures ranging from -20°C to 70°C.
### Connectivity Ports
1. **Ethernet:** Dual or Quad Intel® GbE LAN ports (often supporting PoE).
2. **Serial Communication:** Multiple RS-232/422/485 ports for PLC and sensor interfacing.
3. **Digital I/O:** Isolated DIO pins to prevent electrical surges from damaging the mainboard.
---
## 3. Block Diagram Overview (Logical Flow)
```mermaid
graph LR
A[Wide DC Input] --> B[Power Regulator]
B --> C[CPU / Chipset]
C --> D[M.2 NVMe Storage]
C --> E[DDR4 RAM]
C --> F[I/O: USB, LAN, COM]
C --> G[AI Accelerator Option]
```
---
- ⤷
What are the specific power consumption requirements for the M2CEC-2500F-R2/Q?
- ⤷ Does this model support AI acceleration modules like Hailo or Intel Movidius?
- ⤷ Can you provide the pinout diagram for the Digital I/O interface?