M2CEC-26002-R/Q
AI

The **M2CEC-26002-R/Q** is a specific part number typically associated with **RF (Radio Frequency) connectors** or cable assemblies, often manufactured by companies like **Gore** or similar high-performance microwave component suppliers.
Below is a breakdown of the electronic specifications and characteristics associated with this class of components.
---
### 1. Component Overview
This part belongs to the category of **High-Performance RF Interconnects**. It is designed for applications where signal integrity and low loss are critical, even under mechanical stress or environmental fluctuations.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | RF Connector / Cable End |
| **Series** | M2CEC (Modular/Microwave series) |
| **Typical Impedance** | 50 Ohms |
| **Frequency Range** | Usually DC up to 18GHz or 26.5GHz (depending on specific sub-type) |
| **Material** | Passivated Stainless Steel or Gold-plated Brass |
---
### 2. Key Electronic Characteristics
* **Low Insertion Loss:** Engineered to ensure minimal power loss as the signal passes through the connection.
* **VSWR (Voltage Standing Wave Ratio):** Typically maintains a low VSWR (e.g., < 1.25:1), minimizing signal reflections back to the source.
* **Phase Stability:** These parts are often "Phase Stable," meaning the electrical length remains consistent even if the cable is bent or exposed to temperature changes.
* **Shielding Effectiveness:** High-grade shielding (often > -90 dB) to prevent electromagnetic interference (EMI).
---
### 3. Usage and Applications
These parts are rarely used in consumer electronics; they are primarily found in:
1. **Aerospace & Defense:** Radar systems, satellite communications, and avionics.
2. **Test & Measurement:** Used in VNA (Vector Network Analyzer) test leads where precision is mandatory.
3. **Telecommunications:** High-speed data backhaul and 5G infrastructure testing.
---
### 4. Part Number Suffix Breakdown
While internal manufacturer codes vary, the suffixes often indicate:
* **-R:** Generally indicates **RoHS Compliance** (Lead-free).
* **-Q:** Can indicate **Qualification** (Space-grade or Mil-spec tested) or a specific packaging/reeling style.
---
### 5. Mechanical Integration
```cpp
// Typical Interface Dimensions (Reference for SMA/Precision Connectors)
Outer_Diameter: 0.250 inches (approx)
Thread_Type: 1/4-36 UNS-2A
Mating_Cycles: > 500 cycles (with proper torque)
```
- ⤷
What is the maximum frequency rating for the M2CEC series?
- ⤷ Is this part compatible with standard SMA interfaces?
- ⤷ What are the recommended torque settings for this connector?