M2CEC-26002-R2/Q
AI

Based on the part number **M2CEC-26002-R2/Q**, this component belongs to a specific family of high-performance board-to-board connectors, often associated with high-speed data transmission and mezzanine-style architectures.
### Component Overview
The **M2CEC** series is typically part of a modular connector system designed for high-density environments. Below are the technical breakdowns of its electronic and mechanical characteristics:
---
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | High-speed Mezzanine Connector (Edge Card/Plug) |
| **Pin Count** | 260 Pins (indicated by the '260' in the prefix) |
| **Pitch** | Typically 0.5mm or 0.8mm (High Density) |
| **Impedance** | Optimized for 85Ω to 100Ω differential signals |
| **Data Rates** | Often rated for PCIe Gen 4/5 or 28Gbps+ per lane |
| **Material** | High-temperature LCP (Liquid Crystal Polymer) with Gold plating |
---
### Detailed Electronic Parts Breakdown
#### 1. Contact Interface
The connector uses specialized copper alloy contacts with gold-over-nickel plating. This ensures:
* **Low Contact Resistance:** Minimizes signal loss at the interface.
* **Durability:** Rated for high mating cycles (usually 100+).
#### 2. High-Speed Signal Integrity
The "Q" or "R2" designations often refer to specific revisions or performance tiers:
* **EMI Shielding:** The internal geometry is designed to minimize crosstalk between adjacent differential pairs.
* **Differential Pairs:** The layout is optimized for high-speed differential signaling used in server backplanes and telecommunications.
#### 3. Mechanical Housing
* **Alignment Pins:** Integrated plastic or metal posts ensure the connector is perfectly centered on the PCB before soldering.
* **SMT (Surface Mount Technology):** The leads are designed for high-precision reflow soldering processes.
---
### Typical Applications
These parts are commonly found in the following electronic systems:
1. **Data Centers:** Connecting CPU blades to I/O expansion boards.
2. **Networking:** High-capacity switches and routers.
3. **Industrial Computing:** Modular PC architectures where reliability and vibration resistance are critical.
- ⤷What is the exact pin pitch for the M2CEC-26002-R2 variant?
- ⤷ What is the maximum current rating per contact for this connector?
- ⤷ Are there specific PCB footprint recommendations for the R2/Q revision?