M2CEC-2751-R/Q
AI

The **M2CEC-2751-R/Q** refers to a high-performance **Micro-Coaxial Connector** assembly, typically used in high-frequency signal transmission applications. These components are critical in industries requiring minimal signal loss and high-density packaging.
---
### 1. Component Identification
This part belongs to the category of **RF (Radio Frequency) Interconnects**. It is designed to bridge the gap between a printed circuit board (PCB) and a micro-coaxial cable.
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | Micro-Coaxial (Mating with I-PEX or U.FL standards) |
| **Orientation** | Right-Angle (R) / Specific Qualification (Q) |
| **Common Frequency Range** | DC to 6 GHz (Standard) |
| **Impedance** | 50 Ohms (Typical for RF) |
| **Cable Compatibility** | AWG #36 to #42 micro-coaxial wires |
---
### 2. Key Electronic Attributes
#### A. Signal Integrity
The internal structure is engineered to maintain a constant **50-ohm characteristic impedance**. This is vital to prevent signal reflections (VSWR) which can degrade performance in high-speed data transmission.
#### B. Electromagnetic Shielding
The metal shell (housing) acts as a **Faraday cage**. In the "R/Q" variants, the shielding is often enhanced to prevent:
* **EMI (Electromagnetic Interference):** Preventing the connector from leaking signals to nearby components.
* **EMS (Electromagnetic Susceptibility):** Protecting the internal signal from external noise.
#### C. Contact Material
The contacts are usually **Gold-plated** over a nickel underplate. This serves two purposes:
1. **Conductivity:** Minimizes electrical resistance at the junction.
2. **Oxidation Resistance:** Ensures a long-term reliable connection even in humid environments.
---
### 3. Application Use Cases
Because of its small footprint and high-frequency capabilities, this part is found in:
* **Wireless Modules:** Connecting internal Wi-Fi/Bluetooth chips to external antennas.
* **Display Interfaces:** High-speed LVDS or eDP signal routing in laptops and tablets.
* **Medical Imaging:** Transmitting sensitive data from handheld probes to processing units.
* **Drones/Robotics:** Compact GPS and telemetry link connections.
---
### 4. Technical Comparison: Standard vs. R/Q Variants
| Feature | Standard M2CEC | R/Q Variant |
| :--- | :--- | :--- |
| **Profile Height** | ~1.5mm to 2.5mm | Often Low-Profile/Optimized |
| **Mating Cycles** | ~20-30 cycles | Enhanced durability (up to 50+) |
| **Locking Mechanism** | Friction fit | Often includes a mechanical "click" or lock |
- ⤷
What are the specific soldering requirements for M2CEC series connectors?
- ⤷ Can this connector support 5G millimeter-wave frequencies?
- ⤷ How does the 'Q' suffix affect the automotive qualification status?