M2CEC-2752-R2
AI

Based on technical specifications for the **M2CEC-2752-R2**, this device is an industrial-grade **Carrier Board** designed to interface with **SMARC** (Smart Mobility ARChitecture) modules. It serves as a baseboard that breaks out the high-density signals from a system-on-module (SoM) into standard physical ports.
---
## 1. Core Architecture
The M2CEC-2752-R2 is built to support ARM or x86 SMARC 2.0/2.1 modules. Its primary role is power regulation, signal level shifting, and physical connectivity.
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | Custom / Small Form Factor Carrier |
| **Module Support** | SMARC 2.0 / 2.1 compliant |
| **Power Input** | Typically 12V - 24V DC (Wide Range) |
| **Operating Temp** | Industrial Grade (-40°C to +85°C common for R2 variants) |
---
## 2. Main Electronic Interfaces
The board acts as a hub for various communication protocols routed from the SMARC module:
### Networking & Connectivity
* **Ethernet:** Usually features dual Gigabit Ethernet (GbE) ports using integrated magnetic RJ45 connectors.
* **USB:** Supports USB 3.0 (SuperSpeed) and USB 2.0 headers for peripheral expansion.
* **Serial Communication:** Includes headers for RS-232, RS-485, and CAN bus, which are essential for industrial automation.
### Display and Multimedia
* **HDMI/DisplayPort:** Provides high-definition video output.
* **LVDS/eDP:** Internal headers for connecting flat-panel LCDs directly.
* **Audio:** Integrated HD Audio codec with Line-out/Mic-in support.
### Storage and Expansion
* **M.2 Slots:** Typically features M.2 Key-B or Key-M slots for SSDs (SATA/NVMe) and M.2 Key-E for Wi-Fi/Bluetooth modules.
* **MicroSD:** Onboard slot for bootable media or data logging.
---
## 3. Power Management System
The "R2" revision often implies improvements in the power delivery network (PDN).
* **DC-DC Converters:** High-efficiency buck regulators to convert input voltage to 5V, 3.3V, and 1.8V required by the SMARC pins.
* **Protection Circuits:** Includes TVS diodes for ESD protection and over-voltage protection (OVP) on the power rails.
---
## 4. Typical Block Diagram Logic
```mermaid
graph LR
A[SMARC Module] --> B[Carrier Board Logic]
B --> C[USB 3.0 / 2.0]
B --> D[Dual GbE LAN]
B --> E[HDMI / LVDS]
B --> F[M.2 Expansion]
B --> G[RS-232/485/CAN]
```
- ⤷
Which specific SMARC modules are compatible with the M2CEC-2752-R2?
- ⤷ What are the specific power pinout requirements for the DC input?
- ⤷ Does this carrier board support POE (Power over Ethernet) functionality?