M2D2-24-R/Q
AI

The **M2D2-24-R/Q** is a high-performance **Dual-Channel Inductive Vehicle Loop Detector**, typically used in parking systems, gate control, and traffic management. This device identifies the presence of vehicles by detecting the change in inductance of a wire loop buried in the pavement.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the unit:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 24V AC/DC |
| **Operating Current** | 100 mA (max) |
| **Channels** | Dual (Controls two separate loops) |
| **Output Type** | Relay (Form C - SPDT) |
| **Sensitivity Levels** | 10 Selectable levels per channel |
| **Frequency Range** | 20 kHz to 100 kHz (4 settings) |
| **Operating Temperature** | -30°C to +70°C |
---
### 2. Core Electronic Components & Features
#### A. The Oscillator Circuit
The heart of the device is an LC (Inductor-Capacitor) oscillator. When a vehicle (metal mass) passes over the external loop, it acts as a shorted turn, decreasing the loop's inductance. The internal circuitry detects this frequency shift.
#### B. Sensitivity & Boost (Q Feature)
* **Sensitivity Selection:** Allows the detector to ignore small metal objects (like bicycles) or detect high-chassis vehicles (like trucks).
* **Automatic Sensitivity Boost (ASB):** Increases sensitivity to maximum once a vehicle is detected, ensuring that the connection isn't lost while a high-clearance trailer is passing over the loop.
#### C. Relay Configurations (R/Q Logic)
The "R" and "Q" designations often refer to specific relay behaviors:
* **Presence Mode:** The relay stays energized as long as the vehicle is over the loop.
* **Pulse Mode:** The relay triggers for a short duration (approx. 150ms) either upon entry or exit from the loop.
#### D. Environmental Compensation
The electronics include **Automatic Drift Compensation**, which allows the unit to function reliably even as environmental factors (like ground moisture or temperature) change the baseline inductance of the loop over time.
---
### 3. Connection Pinout (Typical 11-Pin Plug)
```text
Pin 1: Power Input (+)
Pin 2: Power Input (-)
Pin 3: Relay 2 (N.O.)
Pin 4: Relay 2 (Common)
Pin 5: Relay 1 (N.O.)
Pin 6: Relay 1 (Common)
Pin 7: Loop 1 Input
Pin 8: Loop 1 Input
Pin 9: Loop 2 Input
Pin 10: Loop 2 Input
Pin 11: Relay 1 (N.C.) / Fault Output
```
---
### 4. Diagnostic Indicators
The unit typically features LEDs to provide real-time electronic feedback:
* **Green LED:** Power status and heartbeat.
* **Red LED:** Detection status (solid when a vehicle is present, blinking to indicate a loop fault such as a short or open circuit).
- ⤷
What is the recommended number of wire turns for a standard 6x10 foot loop?
- ⤷ How does the 'Frequency' switch prevent crosstalk between two adjacent detectors?
- ⤷ What are the common causes for a 'Short Circuit' fault LED on this model?