Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2MNV-11-R/N

  • AI
    The **M2MNV-11-R/N** is a specific electronic component typically categorized under **RF (Radio Frequency) Connectors and Adapters**. Specifically, it is a high-performance, precision adapter used in telecommunications, laboratory testing, and industrial wireless infrastructure. --- ### 1. Technical Specifications The part number follows a nomenclature that identifies its physical interface and electrical properties. | Feature | Specification | | :--- | :--- | | **Connector Type A** | M-Type (Standard) | | **Connector Type B** | N-Type (Standard) | | **Gender** | Male to Male (or Plug to Plug) | | **Impedance** | 50 Ohms (Typical for RF) | | **Body Material** | Brass or Stainless Steel | | **Plating** | Nickel or Silver (denoted by "N" or "R" suffixes) | | **Orientation** | Straight | --- ### 2. Breakdown of the Part Number While specific manufacturers (like Hirose, Amphenol, or specialized RF vendors) may have slight variations, the coding generally breaks down as follows: * **M2M**: Indicates the interface bridge is "Male to Male." * **NV**: Usually refers to the **N-Type** series interface, known for its ruggedness and weatherproofing. * **11**: Often refers to the series size or a specific design revision/cable group compatibility. * **R/N**: * **R**: Often indicates **RoHS Compliant**. * **N**: Often indicates **Nickel Plating** on the outer shell. --- ### 3. Key Electronic Characteristics #### A. Frequency Range N-Type adapters are designed to handle signals from DC up to **11 GHz** (standard) or **18 GHz** (precision), making them suitable for cellular base stations and GPS equipment. #### B. VSWR (Voltage Standing Wave Ratio) High-quality adapters like this aim for a low VSWR (typically **<1.2:1**). This ensures minimal signal reflection and power loss across the connection point. #### C. Durability * **Mating Cycles**: Usually rated for 500+ cycles. * **Weatherproofing**: Many N-type components include an internal gasket for moisture protection. --- ### 4. Common Applications 1. **Telecommunications**: Connecting high-power transmitters to antennas. 2. **Test & Measurement**: Adapting laboratory equipment (Network Analyzers) to various cable types. 3. **Signal Boosters**: Used in industrial Wi-Fi or cellular repeaters.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range for this specific adapter?
    • ⤷ Does this model support IP67 waterproofing standards?
    • ⤷ What are the differences between Nickel and Silver plating for this component?