M2MNV-11-R2
AI

The **M2MNV-11-R2** is a specialized high-speed interface adapter (interposer) designed by **Samtec**. It is primarily used to bridge connections between **M.2 (NGFF)** modules and **M-Series** high-density connectors.
Below is an explanation of its electronic components, technical specifications, and functions.
---
### 1. Key Technical Specifications
The device acts as a high-performance signal routing board. Its architecture is built to support high-bandwidth protocols like PCIe Gen 4/5.
| Feature | Specification |
| :--- | :--- |
| **Connector A** | M.2 (NGFF) Slot (typically M-Key) |
| **Connector B** | Samtec M-Series (High-speed hermaphroditic) |
| **Signal Integrity** | Supports up to 28 Gbps+ per lane |
| **PCB Layers** | High-layer count with impedance control (typically 85Ω or 100Ω) |
| **Voltage Support** | 3.3V (standard for M.2) with dedicated power planes |
---
### 2. Main Electronic Components
The "R2" designation often refers to a specific revision of the PCB layout to improve thermal or signal performance.
#### A. High-Speed Connectors
* **M.2 Slot:** This is the interface where the SSD or wireless module is inserted. It features gold-plated contacts to minimize resistance.
* **M-Series Interface:** This is Samtec’s proprietary high-density connector. It uses a "blade and beam" contact system, which provides extremely low crosstalk and high mating cycles.
#### B. Passive Components (SMD)
* **Decoupling Capacitors:** Small surface-mount capacitors (usually 0.1µF or 10µF) are placed near the power pins to filter out high-frequency noise and stabilize the 3.3V rail.
* **Termination Resistors:** Used for differential pair matching to prevent signal reflections, crucial for PCIe Gen 4/5 speeds.
#### C. Signal Routing (The PCB)
* **Differential Pairs:** The traces on the board are routed as "differential pairs" with precise spacing to ensure consistent impedance.
* **Vias:** The board uses back-drilled or micro-vias to minimize "stub" lengths, which can cause signal degradation at gigahertz frequencies.
---
### 3. Application Use Cases
The M2MNV-11-R2 is rarely a consumer-facing product; it is an engineering and industrial tool:
1. **Test & Measurement:** Used to connect M.2 drives to FPGA development boards for data throughput testing.
2. **System Expansion:** Allows servers to add M.2 storage via high-density backplanes.
3. **Prototyping:** Used by hardware engineers to probe M.2 signals during the R&D phase of new storage controllers.
---
### 4. Part Number Breakdown
* **M2M:** Refers to the M.2 to M-Series conversion family.
* **NV:** Indicates support for NVMe (Non-Volatile Memory Express) signaling.
* **11:** Specific pinout or form factor configuration.
* **R2:** Revision 2 (Hardware update).
- ⤷
What are the specific pinout differences between R1 and R2 revisions?
- ⤷ Which Samtec M-Series mating cable is compatible with this adapter?
- ⤷ Does this board support PCIe Gen 5 signal integrity requirements?