Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2MNV-22-R2SLASHQ

  • AI
    The **M2MNV-22-R2/Q** is a specific technical assembly, typically associated with high-performance storage interconnections, specifically **M.2 NVMe (Next Generation Form Factor)** to **Mini-SAS HD (SFF-8643)** or similar high-speed cabling environments. This part is often found in server infrastructures (like those from Supermicro or Quanta) to bridge motherboard signals to NVMe drive backplanes. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | M.2 (M-Key) to Mini-SAS HD (SFF-8643) | | **Protocol Support** | PCIe Gen 3.0 / Gen 4.0 x4 (NVMe) | | **Form Factor** | M.2 2280 or 22110 (Standard physical dimensions) | | **Controller/Bridge** | Passive or Re-driver based signal conversion | | **Application** | Converting an M.2 slot into a port for U.2/U.3 SSDs via cable | --- ### 2. Core Electronic Components The assembly consists of several critical electronic segments that ensure data integrity at high frequencies: #### A. The PCB (Printed Circuit Board) * **Impedance Control:** The board is designed with strict 85-ohm or 100-ohm differential impedance to match PCIe signal requirements. * **Gold Fingers:** The M.2 connector edge uses high-quality gold plating to reduce contact resistance and prevent oxidation. #### B. SFF-8643 Connector * This is the "Mini-SAS HD" internal connector. While it was originally designed for SAS, in this context, it carries **4 lanes of PCIe** signals directly to an external cable. #### C. Signal Conditioning (Re-drivers) * Depending on the specific "R2" revision, these boards often include **Re-drivers** or **Repeaters**. * **Purpose:** These chips boost the PCIe signal to compensate for "Insertion Loss" (signal degradation) that occurs when moving data across long cables to a drive bay. #### D. Power Management * **Capacitors:** Surface-mount MLCC (Multi-Layer Ceramic Capacitors) are used for decoupling and filtering noise from the 3.3V power rail provided by the M.2 slot. * **LDO/Regulators:** Some versions include small voltage regulators to ensure the SFF-8643 side maintains stable logic levels for sideband signals (like CLKREQ and PERST). --- ### 3. Signal Pinout Mapping The electronic traces on this part map the M.2 pins to the SFF-8643 pins as follows: 1. **PCIe Lanes 0-3:** High-speed differential pairs (TX+/-, RX+/-). 2. **REFCLK:** Differential Reference Clock (100MHz). 3. **Sideband Signals:** * **PERST#:** Fundamental Reset. * **CLKREQ#:** Clock Request for power management. * **SMBus (SCL/SDA):** For management and identification (optional). --- ### 4. Typical Use Case Scenario 1. **The Host:** A motherboard with an open M.2 slot. 2. **The Part:** M2MNV-22-R2/Q is plugged into that slot. 3. **The Cable:** An SFF-8643 to U.2 (SFF-8639) cable is attached. 4. **The Storage:** An Enterprise NVMe SSD (e.g., Samsung PM1733 or Intel P4510) is connected at the other end.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and R1 revisions of this part?
    • ⤷ Does this adapter support PCIe Gen 5 speeds?
    • ⤷ Can this be used to connect multiple SATA drives instead of one NVMe drive?