M2MNV-23-R2/N
AI

Based on the part number **M2MNV-23-R2/N**, this refers to a high-performance **M.2 (NGFF) connector** commonly manufactured by companies like **LOTES** or used in specific industrial computing modules. These components are critical for interfacing storage (SSDs) or wireless modules with a motherboard.
### 1. Key Technical Specifications
The "M2" designation indicates adherence to the M.2 standard (formerly Next Generation Form Factor).
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | M.2 (NGFF) Card Edge Connector |
| **Pitch** | 0.50 mm (Standard for M.2) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle / Horizontal |
| **Height** | 2.3mm (Commonly indicated by the '23' in the part number) |
| **Keying** | Typically M-Key or B-Key (Check specific datasheet for 'N' suffix) |
---
### 2. Breakdown of the Part Number
While manufacturers have slight variations, the nomenclature generally breaks down as follows:
* **M2**: Refers to the M.2 Form Factor.
* **MNV**: Often signifies the series (e.g., Vertical or specific Mechanical Variation).
* **23**: Represents the **Stack Height** (2.3mm). This is the distance between the PCB surface and the center of the inserted module.
* **R2**: Usually denotes the Revision 2 design or specific reel packaging specifications.
* **N**: Often indicates a **Lead-Free (RoHS compliant)** status or a specific Halogen-free material requirement.
---
### 3. Electronic Composition & Materials
The reliability of this part depends on its metallurgical and plastic composition:
1. **Contacts:** Copper Alloy, typically plated with **Gold (Au)** over Nickel. Gold is used to prevent oxidation and ensure low contact resistance over multiple insertion cycles.
2. **Housing:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic. These materials are chosen to withstand **Reflow Soldering** temperatures (up to 260°C).
3. **Solder Pegs/Tabs:** These provide mechanical stability to ensure the connector does not rip off the PCB during the insertion of an SSD.
---
### 4. Typical Applications
This specific electronic part is found in:
* **Laptops/Ultrabooks:** For NVMe SSD storage.
* **Industrial PCs:** For compact Wi-Fi or LTE modules.
* **Single Board Computers (SBCs):** Used to expand storage via PCIe lanes.
---
- ⤷
What is the difference between M-key and B-key in M.2 connectors?
- ⤷ How does the stack height affect thermal management in a device?
- ⤷ Is this part compatible with PCIe Gen 4 or Gen 5 signal speeds?