Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2MS-6-R2/N

  • AI
    The **M2MS-6-R2/N** is a specific technical component primarily used in industrial automation, fluid control, and mechanical engineering. Based on the part numbering convention, this is typically a **Manifold Mount Solenoid Valve** (often associated with brands like Parker, Norgren, or similar pneumatic specialists). Below is an explanation of its electronic and electromechanical parts. --- ### 1. Component Overview The device serves as an interface between electronic control systems (like a PLC) and pneumatic systems. It converts an electrical signal into mechanical motion to switch the flow of air or gas. ### 2. Technical Specifications & Features | Feature | Description | | :--- | :--- | | **Component Type** | Solenoid Valve (Miniature/Manifold Mount) | | **Coil Voltage** | Typically 24V DC (Standard for R2/N series) | | **Power Consumption** | Low wattage (usually 0.5W to 2.0W) for energy efficiency | | **Electrical Connection** | Plug-in style or Lead wires (N-series often denotes specific connector types) | | **Duty Cycle** | 100% Continuous Duty (Can remain energized indefinitely) | --- ### 3. Key Electronic/Electromechanical Parts #### A. The Solenoid Coil The core electronic part is the electromagnetic coil. When current flows through the copper windings, it generates a magnetic field. * **Encapsulation:** The coil is usually molded in thermosetting plastic to protect against moisture and vibration. * **Inductance:** Being an inductive load, it may require a "flyback diode" in the control circuit to prevent voltage spikes when the power is cut. #### B. The Armature (Plunger) This is the moving mechanical part inside the coil. * **Material:** Made of ferromagnetic stainless steel. * **Function:** The magnetic field pulls the plunger up against a return spring, opening the valve orifice. #### C. Manual Override The "M2MS" series often includes a manual override button. This allows technicians to actuate the valve without an electronic signal for testing purposes. #### D. Manifold Interface The "MS" designation typically refers to **Manifold Sub-base** mounting. * Instead of threaded ports on the valve itself, the bottom has specific seals (O-rings). * It is designed to be bolted onto a common block that distributes the air supply to multiple valves. --- ### 4. Circuit Integration When integrating this part into an electronic system, consider the following: 1. **Switching:** Use a Transistor, MOSFET, or Relay output from your controller. 2. **Protection:** If the valve does not have an integrated Varistor or Diode, add one across the terminals to protect your PLC/Microcontroller. 3. **Polarity:** For DC models, ensure the positive and negative terminals are aligned according to the manufacturer's diagram to ensure the LED indicator (if present) functions correctly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the M2MS-6-R2/N connector?
    • ⤷ Does this model include an integrated LED status indicator?
    • ⤷ What is the maximum operating pressure for this specific solenoid valve?