AI

The **M2MS-F-R2/K** typically refers to a high-performance **M.2 (NGFF) to Mini-PCIe adapter card**, often utilized in industrial computing, embedded systems, and networking hardware. Its primary function is to allow M.2 modules (specifically those using the B-key or B+M key interface) to be used in legacy Mini-PCIe slots.
---
## 1. Core Specifications & Features
| Feature | Specification |
| :--- | :--- |
| **Interface (Host)** | Mini PCI-Express (Full-size or Half-size via breakable tabs) |
| **Interface (Device)** | M.2 Key-B Slot (Socket 2) |
| **Supported Form Factors** | 2230, 2242 (Standard), sometimes 2260/2280 depending on PCB length |
| **Voltage Support** | 3.3V (standard for M.2 and Mini-PCIe) |
| **Signal Compatibility** | PCIe x1, USB 2.0, and SIM card signals (for WWAN) |
---
## 2. Key Electronic Components
The "R2/K" revision usually features specific electronic improvements for signal integrity and power management:
### A. Power Regulation & Protection
* **Voltage Regulators:** High-efficiency LDO (Low Dropout) regulators to ensure the M.2 module receives a stable 3.3V, even if the Mini-PCIe host power fluctuates.
* **Decoupling Capacitors:** Surface-mount ceramic capacitors (MLCC) placed near the M.2 connector to filter out high-frequency noise and prevent voltage drops during data bursts.
### B. Signal Routing
* **Differential Pair Routing:** The PCB traces for PCIe (TX/RX) are impedance-matched (usually 100 ohms) to prevent signal reflection and data corruption.
* **USB 2.0 Pass-through:** If used for 4G/5G modules, the adapter routes the USB 2.0 pins from the Mini-PCIe slot directly to the M.2 connector.
### C. Mechanical/Electrical Connectivity
* **Gold Finger Contacts:** High-quality plating on the Mini-PCIe side to ensure low contact resistance and prevent oxidation over time.
* **SIM Card Slot:** Many versions of this specific model include an integrated SIM card holder on the underside, allowing the use of cellular M.2 modules even if the motherboard lacks a SIM slot.
---
## 3. Common Use Cases
1. **WWAN Upgrades:** Installing 4G LTE or 5G M.2 modules into older industrial laptops or IoT gateways that only have Mini-PCIe slots.
2. **SSD Adaption:** Converting M.2 SATA or PCIe x1 SSDs for use in embedded systems.
3. **Field Testing:** Used by engineers to test new M.2 radio modules on existing hardware platforms.
---
## 4. Pinout Logic Example
The adapter acts as a bridge for the following signals:
```markdown
Mini-PCIe Pin ---> M.2 Key-B Pin
--------------------------------------------------
Pin 11 (REFCLK-) ---> Pin 53 (REFCLKN)
Pin 13 (REFCLK+) ---> Pin 55 (REFCLKP)
Pin 36 (USB_D-) ---> Pin 7 (USB_D-)
Pin 38 (USB_D+) ---> Pin 9 (USB_D+)
Pin 2, 24, 39, 41, 52 ---> 3.3V Power Rail
```
- ⤷
Does this adapter support NVMe M.2 SSDs or only SATA/USB based modules?
- ⤷ What are the limitations of the Mini-PCIe bus speed when using this adapter?
- ⤷ Does the 'K' in the model number signify a specific SIM slot configuration?