AI

The **M2MST-0-R2/CE** is a specialized electronic signal conditioner and transducer module manufactured by **M-System**. It is primarily used in industrial automation to convert a thermocouple input into a standardized DC output signal while providing electrical isolation.
---
### ## Technical Specifications
The following table highlights the core electronic characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Thermocouple (Types K, E, J, T, B, R, S, C) |
| **Output Type** | 4 – 20 mA DC (Current Loop) |
| **Power Input (R2)** | 11 – 27 V DC |
| **Isolation** | 3-Way (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Cold Junction Comp.** | Built-in (Integrated CJC sensor) |
| **Safety Standard** | CE Marking (EMC Directive) |
---
### ### Key Electronic Components & Functions
1. **Analog-to-Digital Conversion (ADC):**
The module takes the millivolt (mV) signal generated by a thermocouple and digitizes it. It uses high-resolution conversion to ensure precision even with the non-linear voltage curves of thermocouples.
2. **Cold Junction Compensation (CJC):**
Since a thermocouple measures the temperature difference between the "hot" junction and the terminal "cold" junction, the electronic board includes a thermistor or semiconductor sensor at the input terminals to compensate for ambient temperature fluctuations.
3. **Galvanic Isolation:**
The "R2" designation implies a specific power requirement, and the internal circuitry uses transformers or optocouplers to isolate the power supply, input, and output. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the sensor side.
4. **Signal Linearization:**
Thermocouples are inherently non-linear. The internal microprocessor applies a mathematical curve-fit to the raw mV signal so that the 4-20mA output is perfectly linear to the temperature range.
5. **Burnout Protection:**
In the event of a wire break (thermocouple failure), the electronic circuit is designed to drive the output to a specific state (usually Upscale/20mA+ or Downscale/4mA-) to alert the control system of a fault.
---
### ### Wiring Configuration
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1 - 2** | Input (+) / (-) | Thermocouple wire connections |
| **4 - 5** | Output (+) / (-) | 4-20mA Signal to PLC/Controller |
| **7 - 8** | Power (+) / (-) | 24V DC Supply |
- ⤷
How do I calibrate the zero and span on the M2MST module?
- ⤷ What is the difference between the R and R2 power specifications?
- ⤷ Can this module handle RTD inputs instead of thermocouples?