Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2MST-4-R2/Q

  • AI
    The **M2MST-4-R2/Q** is a specialized electronic component, typically part of a modular I/O or signal conditioning system (often associated with industrial automation brands like M-System). This specific part number refers to a **Multi-Status Indicator / Alarm Unit** designed for DIN-rail mounting. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview The "M2MST" series is designed to monitor multiple digital or contact signals and provide visual status indication and alarm outputs. It acts as an interface between field devices (switches, sensors) and a control system (PLC/SCADA). | Feature | Specification | | :--- | :--- | | **Input Channels** | 4 Channels | | **Input Type** | Dry contact or Open Collector | | **Output Type** | Relay Contact (typically SPDT or SPST) | | **Power Input** | 24V DC / 100-240V AC (model dependent) | | **Mounting** | DIN Rail (Standard 35mm) | --- ### 2. Key Electronic Parts & Functions #### A. Input Section (Signal Conditioning) * **Optoisolators:** The unit uses internal optocouplers to isolate the field input signals from the internal logic circuitry. This protects the device from high-voltage spikes or ground loops. * **Pull-up/Pull-down Resistors:** Used to stabilize the input state when no external contact is closed. #### B. Control Logic * **Microcontroller (MCU):** An onboard low-power processor manages the timing, logic, and status of the four channels. * **Response Time Adjusters:** Some variants include potentiometers or DIP switches to set "delay-on" or "delay-off" times to filter out signal chatter. #### C. Output Section (Relays) * **Electromechanical Relays:** The "R2" designation often refers to the relay output configuration. These allow for switching AC or DC loads. * **LED Indicators:** High-visibility LEDs on the front panel display the status of each of the 4 channels (typically Green for Power, Red/Amber for Alarm/Status). --- ### 3. Part Number Breakdown (Nomenclature) Understanding the suffix helps identify specific electronic capabilities: | Code Segment | Description | | :--- | :--- | | **M2MST** | Series Name (Multi-Status Indicator) | | **-4** | 4 Independent Input/Output Channels | | **-R2** | Output Type (Relay Contact) | | **-Q** | Optional Specification (Often indicates specific terminal types or custom coatings) | --- ### 4. Technical Specifications Table | Parameter | Value (Typical) | | :--- | :--- | | **Isolation Resistance** | 100 MΩ minimum at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) | | **Operating Temperature** | -5 to +55°C (23 to 131°F) | | **Housing Material** | Flame-resistant resin (Black) | | **Connections** | M3 Screw Terminals | ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 4-channel input configuration?
    • ⤷ Can this unit handle high-voltage AC inputs directly?
    • ⤷ What is the difference between the R2 and R4 output variations?