M2PA-11-R2/UL
AI

The **M2PA-11-R2/UL** is a specific model of an industrial **Plug-in Power Relay** manufactured by manufacturers like **IDEC** (or similar industrial control brands). It is designed for switching electrical loads in automation and control systems.
---
### 1. General Specifications
This relay is characterized by its high switching capacity and reliability in a compact "Ice Cube" style form factor.
| Feature | Specification |
| :--- | :--- |
| **Model** | M2PA-11-R2/UL |
| **Contact Form** | DPDT (2 Form C) |
| **Coil Voltage** | Typically 110/120V AC (Standard for R2 suffix) |
| **Contact Rating** | 10A @ 250V AC / 30V DC |
| **Mounting Style** | Plug-in (typically fits an 8-pin round socket) |
| **Safety Approvals** | UL Listed, CSA, CE |
---
### 2. Electronic Components & Internal Design
The M2PA series consists of several key electronic and mechanical parts that allow it to function as an isolated switch:
#### A. The Electromagnetic Coil
* **Function:** Converts electrical energy into a magnetic field.
* **Details:** When power is applied to the coil terminals, it pulls an internal armature to toggle the contacts. The "R2" designation often refers to the specific coil winding for AC operation.
#### B. DPDT Contacts (Double Pole Double Throw)
* **Composition:** Usually made of **Silver Cadmium Oxide (AgCdO)** or **Silver Tin Oxide**.
* **Mechanism:** It contains two separate sets of switching circuits. Each set has a Common (COM), Normally Open (NO), and Normally Closed (NC) contact.
* **Benefit:** This allows the relay to control two independent circuits simultaneously with a single signal.
#### C. Built-in LED Indicator (Standard in M2PA)
* **Function:** Visual diagnostic tool.
* **Details:** A small LED is wired in parallel with the coil. When the coil is energized, the LED lights up, allowing technicians to verify power presence without using a multimeter.
#### D. Manual Check Button / Latch
* **Function:** Testing and Maintenance.
* **Details:** Many models in this series include a small lever or button that allows a technician to manually flip the contacts to test the downstream circuit without energizing the coil.
---
### 3. Pin Configuration (Typical 8-Pin Base)
The device typically uses a circular (octal) 8-pin layout:
1. **Pins 2 & 7:** Coil Connections.
2. **Pins 1 & 8:** Common (COM) contacts for the two poles.
3. **Pins 3 & 6:** Normally Open (NO) contacts.
4. **Pins 4 & 5:** Normally Closed (NC) contacts.
---
### 4. Applications
* **Industrial Control Panels:** Controlling motors, solenoids, or heaters.
* **PLC Interfacing:** Acting as a buffer between sensitive PLC outputs and heavy high-voltage loads.
* **Logic Isolation:** Separating control circuits (low voltage) from power circuits (high voltage) to ensure safety.
- ⤷
What is the difference between DPDT and SPDT in these relays?
- ⤷ Which socket base is compatible with the M2PA-11-R2/UL?
- ⤷ How do I calculate the power consumption of the relay coil?