M2PA-12-R2/C
AI

The **M2PA-12-R2/C** is a specific model of an **Industrial Power Relay**, typically manufactured by brands like **IDEC** or similar industrial automation providers. This component is designed for high-reliability switching in control panels.
---
### 1. Key Technical Specifications
The part number reveals specific electronic and mechanical characteristics:
| Specification | Details |
| :--- | :--- |
| **Contact Form** | DPDT (2 Form C) - Double Pole Double Throw |
| **Coil Voltage** | 12V DC |
| **Contact Rating** | Usually 10A at 250V AC / 30V DC |
| **Mounting Type** | Plug-in (compatible with standard DIN rail sockets) |
| **Terminal Style** | Blade terminals (Plug-in) |
| **Feature** | Often includes an LED indicator and Manual Check Button |
---
### 2. Internal Electronic Components
The device consists of several critical sub-assemblies that work together to perform the switching action:
#### A. The Electromagnetic Coil
* **Winding:** Thousands of turns of fine copper wire.
* **Function:** When 12V DC is applied, it creates a magnetic field that pulls the armature.
* **Polarity:** Being a DC coil, it often includes an internal **Flyback Diode** (in the "R2" variant) to suppress voltage spikes when the coil is de-energized.
#### B. The Contact System
* **Material:** Usually Silver Tin Oxide (AgSnO2) or Silver Nickel (AgNi) to resist arcing and welding.
* **Bifurcation:** These relays use a "wipe" action to keep contacts clean from oxidation.
#### C. Indicator Circuit
* **LED:** A small surface-mount LED is integrated into the housing to provide visual confirmation that the coil is energized.
* **Resistor:** A current-limiting resistor is placed in series with the LED.
---
### 3. Wiring Configuration (DPDT)
The "2" in the part number indicates two independent poles. Each pole has three connections:
1. **COM (Common):** The moving part of the switch.
2. **NC (Normally Closed):** Connected to COM when the relay is OFF.
3. **NO (Normally Open):** Connected to COM when the relay is ON.
```mermaid
graph LR
A[Coil +] --- B(Electromagnet)
C[Coil -] --- B
B -. Magnetic Force .-> D{Armature}
D --- E[Contact Set 1]
D --- F[Contact Set 2]
```
---
### 4. Application Use Cases
* **PLC Interfacing:** Using a low-power PLC output to switch a high-power motor or heater.
* **Signal Isolation:** Separating sensitive control electronics from noisy high-voltage power circuits.
* **Logic Operations:** Creating hardware-based interlocks in safety systems.
---
- ⤷What is the specific pinout diagram for the M2PA-12-R2/C?
- ⤷ Which DIN rail socket is compatible with this relay model?
- ⤷ What is the difference between the R2 and the standard M2PA version?