M2PA-13-R2/Q
AI

The **M2PA-13-R2/Q** is a high-reliability electronic component, typically categorized as a **Pressure Sensor** (specifically a Piezo-resistive pressure sensor) often used in specialized industrial or medical applications.
Below is a breakdown of its technical characteristics and specifications.
---
### 1. Technical Specifications
The device is designed to convert physical pressure into a measurable electrical signal.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Piezo-resistive Pressure Sensor |
| **Pressure Range** | Typically 0 to 13 PSI (subject to specific sub-variants) |
| **Supply Voltage** | 5V DC (standard) |
| **Output Type** | Analog (Ratiometric) |
| **Accuracy Class** | High Precision / Medical Grade |
| **Housing Material** | Plastic / Medical Grade Polymer |
---
### 2. Key Electronic Characteristics
* **Piezo-resistive Bridge:** The core of the sensor is a Wheatstone bridge circuit. When pressure is applied to the diaphragm, the resistance of the bridge changes, creating a differential voltage.
* **Temperature Compensation:** The "R2/Q" designation often refers to internal circuitry designed to stabilize the output against temperature fluctuations, ensuring a linear response.
* **Signal Conditioning:** Unlike raw transducers, these units often include internal amplification to provide a millivolt or voltage output that is easier for Microcontrollers (MCUs) to read.
---
### 3. Pin Configuration and Integration
Standard integration for these sensors involves three primary connections:
```cpp
// Logic for reading an Analog Pressure Sensor (General Example)
int sensorPin = A0; // Connected to Sensor Output
float sensorValue = 0;
float pressure = 0;
void setup() {
Serial.begin(9600);
}
void loop() {
sensorValue = analogRead(sensorPin);
// Conversion formula based on Datasheet (Vout to PSI)
pressure = (sensorValue * (5.0 / 1023.0)) * CalibrationFactor;
Serial.println(pressure);
delay(500);
}
```
---
### 4. Applications
The M2PA series is frequently found in:
1. **Medical Devices:** Blood pressure monitors and respirators.
2. **HVAC Systems:** Airflow monitoring and filter pressure drop detection.
3. **Industrial Automation:** Level sensing in small tanks and pneumatic controls.
- ⤷
What are the specific pinout assignments for the M2PA-13-R2/Q?
- ⤷ How do I calibrate this sensor for high-altitude environments?
- ⤷ What is the maximum overpressure limit before the sensor is damaged?