Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2PA-1B-R/UL

  • AI
    The **M2PA-1B-R/UL** is a high-performance, compact automotive power relay manufactured by **OMRON**. It is specifically designed for high-current applications in vehicles, often utilized for switching heavy loads like heaters, cooling fans, and motors. --- ### ## Technical Specifications The following table outlines the primary electronic characteristics of the M2PA-1B-R/UL: | Characteristic | Specification | | :--- | :--- | | **Contact Form** | SPST-NC (1 Form B - Single Pole Single Throw, Normally Closed) | | **Coil Voltage** | 12 VDC | | **Rated Current (Switching)** | 30A (Typical for high-power automotive loads) | | **Terminal Type** | Plug-in / ISO style terminals | | **Enclosure** | Unsealed (Dust Cover) | | **Operating Temperature** | -40°C to +125°C | | **Approval** | UL (Underwriters Laboratories) certified | --- ### ### Key Electronic Components & Design #### 1. Normally Closed (NC) Logic Unlike the more common "Form A" (Normally Open) relays, the **1B** designation indicates this is a **Normally Closed** relay. This means the circuit is connected by default when the coil is unpowered. Applying current to the coil opens the circuit. #### 2. Coil and Resistor * **Voltage:** Optimized for 12V automotive electrical systems. * **Suppression:** The "/R" in the part number usually indicates an internal **Resistor** across the coil. This resistor suppresses voltage spikes (back-EMF) that occur when the relay is turned off, protecting sensitive vehicle electronics (like the ECU). #### 3. Contact Material The internal contacts are typically made of **Silver Tin Oxide (AgSnO)** or similar alloys. These materials are chosen for their excellent resistance to: * **Arcing:** Prevention of damage during high-current switching. * **Welding:** Preventing the contacts from sticking together under heat. --- ### ### Common Applications Because of its high amperage rating and "Normally Closed" configuration, it is often found in: * **Safety Interlocks:** Systems that must remain active unless the vehicle's computer explicitly disables them. * **Daytime Running Lights (DRL):** Where lights stay on by default. * **Radiator Fan Control:** Managing cooling cycles in specific wiring harnesses.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a resistor and a diode for coil suppression in these relays?
    • ⤷ How does the 'Normally Closed' logic affect battery drain in automotive circuits?
    • ⤷ Can the M2PA-1B-R/UL be used in 24V truck applications?