AI

The **M2PA-1B-R2/CE** is a high-performance, plug-in type industrial electromagnetic power relay manufactured by **Omron**. It is primarily used in control panels, automation systems, and high-current switching applications.
---
### ## Technical Specifications
Below is a detailed breakdown of the electronic and mechanical characteristics of the M2PA series:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | SPDT (1 Form C) |
| **Contact Material** | Silver alloy (Ag-alloy) |
| **Rated Load (Resistive)** | 10 A at 250 VAC / 10 A at 30 VDC |
| **Max. Switching Voltage** | 250 VAC / 125 VDC |
| **Max. Switching Current** | 10 A |
| **Coil Voltage (Standard)** | Typically 24VDC or 100/110VAC (Model dependent) |
| **Power Consumption** | Approx. 0.9 W (DC) / 1.2 VA (AC) |
| **Dielectric Strength** | 2,000 VAC (50/60 Hz for 1 min) |
| **Mechanical Life** | 10,000,000 operations min. |
| **Electrical Life** | 100,000 operations min. (at rated load) |
---
### ### Key Electronic Components & Design
1. **Electromagnetic Coil:**
The "heart" of the relay. When energized, it creates a magnetic field that pulls the armature to switch the contacts. The R2 designation often refers to specific coil sensitivities or internal diode protections for back-EMF suppression.
2. **Contact System:**
It utilizes a "Single Pole Double Throw" (SPDT) configuration. This allows the device to toggle a circuit between a "Normally Closed" (NC) and "Normally Open" (NO) state.
3. **Built-in Indicator:**
The "R" in the suffix usually denotes a **Mechanical Indicator** or an **LED Indicator**, allowing technicians to visually verify if the relay is energized without using a multimeter.
4. **CE Compliance:**
The "/CE" suffix signifies that the part meets European safety, health, and environmental protection requirements, making it suitable for international industrial machinery.
---
### ### Termination and Mounting
The M2PA-1B-R2/CE is designed for **Plug-in Mounting**. It is typically paired with a DIN-rail socket (such as the Omron P2CF series). This allows for:
* **Rapid Maintenance:** Faulty relays can be swapped without rewiring.
* **Vibration Resistance:** The plug-in pins are designed to maintain high-pressure contact even in vibrating industrial environments.
---
- ⤷
What is the difference between the R2 and R1 versions of this relay?
- ⤷ Which DIN-rail socket models are compatible with the M2PA-1B-R2/CE?
- ⤷ Does this model include a built-in diode for surge suppression?