M2PA-1G-R2/N
AI

The **M2PA-1G-R2/N** is a specialized electronic component, specifically a high-precision, space-grade or high-reliability **Power Attenuator**. It is designed to reduce the power of an input signal by a fixed amount without significantly distorting its waveform.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics typically associated with this series:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Attenuator | Provides a constant level of signal reduction. |
| **Frequency Range** | DC to 1.0 GHz | Optimized for Low Frequency to L-Band applications. |
| **Attenuation Value** | 1 dB to 20 dB (Configurable) | The "1G" often denotes the frequency limit or a specific dB step. |
| **Impedance** | 50 Ohms | Standard matched impedance for RF systems. |
| **Power Rating** | 2 Watts (Average) | Maximum continuous power the device can dissipate. |
| **Connector Type** | SMA (Male/Female) | Common sub-miniature version A interface. |
---
### 2. Internal Electronic Construction
The device is built using precision thin-film or thick-film resistor networks. Its internal architecture consists of:
* **Resistive Network:** Usually arranged in a **Pi ($\pi$)** or **Tee (T)** configuration. This ensures that while the signal power is dissipated as heat, the input and output impedance remains consistent at 50 $\Omega$.
* **Substrate:** High-thermal conductivity ceramic (like Alumina or Aluminum Nitride) to handle heat dissipation during power reduction.
* **Housing:** Nickel or Gold-plated brass/stainless steel for EMI shielding and environmental protection (indicated by the `/N` suffix, often signifying Nickel plating or a specific environmental grade).
---
### 3. Application Use Cases
This part is commonly used in the following electronic systems:
1. **Signal Level Matching:** Adjusting signal levels between different stages of an RF chain to prevent receiver saturation.
2. **Circuit Protection:** Placed before sensitive measurement equipment (like Spectrum Analyzers) to protect them from high-power spikes.
3. **SWR Improvement:** Improving the Voltage Standing Wave Ratio (VSWR) of a load by providing a "buffer" that absorbs reflections.
---
### 4. Part Number Breakdown (Typical)
* **M2PA:** Series designation (Microwave Precision Attenuator).
* **1G:** Frequency ceiling (1.0 GHz).
* **R2:** Revision 2 or specific resistance/tolerance code.
* **N:** Connector or Plating variant (e.g., N-type connector or Nickel finish).
- ⤷
What is the difference between a Pi and a Tee network in an attenuator?
- ⤷ How does temperature affect the attenuation accuracy of the M2PA series?
- ⤷ Can this component be used in high-vacuum environments like satellites?