M2PE-16-R2/Q
AI

The **M2PE-16-R2/Q** is a specialized electronic module, typically associated with industrial computing and automation hardware (often manufactured by IEI Integration Corp). This specific part is a **PCI Express to Mini PCIe expansion riser card**.
---
### ## Technical Specifications & Components
The following table breaks down the primary electronic characteristics of the module:
| Component/Feature | Details |
| :--- | :--- |
| **Interface (Host)** | PCIe x1 (Standard Golden Finger) |
| **Interface (Target)** | 2x Mini PCIe Slots |
| **Form Factor** | Riser Card / Expansion Card |
| **Power Management** | On-board voltage regulation (3.3V) |
| **Bus Signal** | PCIe Gen 2.0 (Backwards compatible with 1.1) |
| **Compatibility** | Standard PCI Express slots in industrial PCs |
---
### ## Core Functionality
1. **Signal Routing:** The electronic circuitry primarily acts as a bridge. It takes the PCIe signals from a motherboard's standard x1 slot and routes them to two Mini PCIe sockets.
2. **Voltage Regulation:** Since standard PCIe slots provide 12V and 3.3V, but Mini PCIe cards often have sensitive power requirements, the PCB contains discrete capacitors and voltage regulators to ensure a stable **3.3V DC** supply to the daughter cards.
3. **Expansion Capability:** It is designed to allow small-form-factor modules (like Wi-Fi cards, Bluetooth modules, or mSATA SSDs) to be used in a full-sized desktop or industrial rackmount chassis.
---
### ## Electronic Pinout Context
While the card is plug-and-play, the electronic design follows the **PCI Express Mini Card Electromechanical Specification**.
* **Mini PCIe Slots:** 52-pin edge connectors.
* **Data Lanes:** Differential pairs (RX+/RX- and TX+/TX-) for high-speed data transfer.
* **Clocking:** 100MHz reference clock distribution to both slots.
---
### ## Common Applications
* **Industrial IoT Gateways:** Adding wireless connectivity (LTE/4G) to a PC that lacks native Mini PCIe slots.
* **Storage Expansion:** Using Mini PCIe mSATA converters for compact OS booting.
* **Embedded Systems:** Prototyping mobile chipsets on a standard desktop motherboard.
- ⤷
Does this card support mSATA modules in addition to standard Mini PCIe cards?
- ⤷ What is the maximum data throughput of the M2PE-16-R2/Q?
- ⤷ Are there specific power limitations for the two expansion slots?