M2PE-1A-R2/UL
AI

The **M2PE-1A-R2/UL** is a specific model of a **Miniature PCB Power Relay**, commonly used in industrial automation, security systems, and telecommunications. This component acts as an electrically operated switch, allowing a low-power signal to control a much higher-power circuit.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Feature | Specification |
|:---|:---|
| **Contact Form** | 1A (SPST-NO: Single Pole Single Throw, Normally Open) |
| **Contact Material** | AgSnO2 (Silver Tin Oxide) or AgNi (Silver Nickel) |
| **Coil Voltage** | Typically 5V, 12V, or 24V DC (Model specific) |
| **Rated Load (Resistive)** | 5A to 10A @ 250VAC / 30VDC |
| **Max Switching Voltage** | 250VAC / 110VDC |
| **Dielectric Strength** | 4,000V AC (between coil and contacts) |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
---
### 2. Breakdown of the Model Name
Understanding the alphanumeric code helps identify the part's physical and electrical properties:
* **M2PE**: Series designation (Miniature Power Relay).
* **1A**: Contact Arrangement. "1A" signifies one set of contacts that are "Normally Open" (they close only when the coil is energized).
* **R2**: Refers to the sealing or construction type (usually "Flux Tight" or "Plastic Sealed" for wave soldering protection).
* **UL**: Indicates the component meets UL safety standards for the North American market.
---
### 3. Internal Components
The relay consists of four primary electronic/mechanical parts:
1. **The Coil:** A copper wire winding that creates a magnetic field when DC current passes through it.
2. **The Armature:** A moving ferromagnetic part that is pulled toward the coil by the magnetic field.
3. **The Contacts:** The actual "switch" points. The **1A** configuration means there is one stationary contact and one moving contact.
4. **The Spring:** Returns the armature to its original position once power is removed from the coil, opening the circuit.
---
### 4. Typical Applications
* **Home Appliances:** Controlling heating elements or small motors in microwave ovens and dishwashers.
* **PLC Interfaces:** Used as an output module for Programmable Logic Controllers.
* **HVAC:** Switching fans or dampers in climate control systems.
* **Security:** Triggering alarms or magnetic door locks.
---
- ⤷
What is the specific coil voltage for your version of the M2PE-1A-R2/UL?
- ⤷ How does an AgSnO2 contact material compare to AgNi in terms of lifespan?
- ⤷ What is the pin pitch for this relay for PCB layout design?