Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2PE-1D-R

  • AI
    ## Analysis of the M2PE-1D-R Electronic Component The **M2PE-1D-R** is a specific part number typically associated with **M.2 (NGFF) to PCIe expansion cards** or industrial interface converters, often produced by manufacturers like **Commell** or specialized industrial PC component providers. Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. Primary Technical Specifications The device functions as a physical and electrical bridge between different bus standards. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor) | | **Interface (Host)** | M.2 E-key or A-key (common for WiFi/BT slots) | | **Interface (Device)** | PCIe x1 (Single Lane) | | **Data Rate** | PCIe Gen 2.0 (5.0 Gbps) or Gen 3.0 compatible | | **Operating Temp** | 0°C to 70°C (Standard) / -40°C to 85°C (Industrial variants) | | **Power Input** | 3.3V via M.2 Slot | --- ### 2. Electronic Component Breakdown The board consists of several critical sub-circuits to ensure signal integrity and power stability: #### A. Signal Redriver / Bridge Chip Since M.2 and PCIe share similar differential signaling protocols, the card often acts as a physical rerouter. However, high-quality versions include: * **Differential Pair Routing:** Impedance-matched traces (usually 85-100 ohms) to prevent signal reflection. * **Coupling Capacitors:** Small SMD capacitors (typically 0.1µF) on the TX/RX lines to block DC bias while allowing high-frequency AC signals. #### B. Power Management (PMIC) The M.2 slot provides **3.3V**. If the connected PCIe device requires **12V** (standard for many PCIe cards), the M2PE-1D-R usually features: * **External Power Header:** A 4-pin or SATA power connector to inject 5V/12V from the System Power Supply. * **Voltage Regulators:** LDOs (Low-Dropout Regulators) to stabilize the 3.3V rail for the controller logic. #### C. Connectivity & PCB Design * **Gold Fingers:** 30μ" gold plating on the M.2 contact points to ensure corrosion resistance and high conductivity. * **Flexible Flat Cable (FFC):** Most "-R" (Remote) models use a shielded FFC to allow the PCIe slot to be mounted away from the cramped M.2 area. --- ### 3. Pinout & Signal Mapping The conversion maps the M.2 pins to standard PCIe pins: | M.2 Pin Type | PCIe Signal | Description | | :--- | :--- | :--- | | **PETp0 / PETn0** | **TX+ / TX-** | Transmit Differential Pair | | **PERp0 / PERn0** | **RX+ / RX-** | Receive Differential Pair | | **REFCLK** | **CLK+/-** | 100MHz Reference Clock | | **PERST#** | **Fundamental Reset** | System hardware reset signal | --- ### 4. Common Use Cases 1. **Industrial Computing:** Adding a specialized DAQ (Data Acquisition) card to a small form factor motherboard. 2. **Networking:** Converting an unused WiFi M.2 slot into an extra Ethernet port. 3. **Testing:** Using the M.2 slot as a diagnostic port for PCIe bus analysis. ---
    ✨ Follow-up Questions
    • ⤷ Does the M2PE-1D-R require external drivers for the operating system to recognize it?
    • ⤷ What is the maximum power draw supported through the external power header?
    • ⤷ Can this adapter support NVMe SSDs or is it strictly for PCIe expansion cards?