M2PE-1G-R/UL
AI

The **M2PE-1G-R/UL** is a high-performance **Gigabit Ethernet SFP (Small Form-factor Pluggable)** transceiver module. These components are essential for network connectivity, allowing hardware like switches and routers to connect to fiber optic or copper network cables.
### 1. Key Technical Specifications
The following table outlines the core electronic and physical attributes of the module:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | 1.25 Gbps (Gigabit Ethernet) |
| **Media Type** | Copper (RJ-45) |
| **Interface** | 1000BASE-T |
| **Distance** | Up to 100 meters |
| **Supply Voltage** | 3.3V |
| **Operating Temp** | Commercial (0°C to 70°C) |
| **Compliance** | RoHS, UL Certified, MSA Compliant |
---
### 2. Internal Electronic Components
The "Electronic Parts" within this module consist of several critical sub-systems that handle signal conversion:
#### A. The Physical Layer (PHY) Chip
The heart of the module is a **PHY (Physical Layer) integrated circuit**. This chip converts the serialized electrical signals from the host switch into signals compatible with the 1000BASE-T standard used over Cat5e/Cat6 cables.
#### B. EEPROM
A small non-volatile memory chip (EEPROM) is used to store **ID information**. This includes the vendor name, part number, serial number, and configuration data. The host device reads this via the **I2C interface** to identify the module.
#### C. Power Management
Because the module operates on a standard **3.3V DC** supply from the host port, it contains internal filtering capacitors and voltage regulators to ensure stable power to the PHY chip and prevent electromagnetic interference (EMI).
#### D. Transformer / Magnetics
Since this is a copper (RJ-45) module, it contains **isolation transformers**. These protect the sensitive electronic circuits from voltage spikes on the network cable and ensure signal integrity through "magnetic coupling."
---
### 3. Usage and Compatibility
* **Hot-Swappable:** The electronic design allows it to be plugged in or removed while the host system is powered on.
* **Auto-Negotiation:** The internal logic supports 10/100/1000 Mbps auto-negotiation, allowing it to communicate with older legacy equipment.
* **UL Certification:** The "/UL" suffix indicates it has passed Underwriters Laboratories safety standards, ensuring fire and electrical safety for enterprise environments.
---
- ⤷What is the difference between this copper SFP and a fiber optic SFP module?
- ⤷ Can this module support 10Gbps speeds or is it limited to 1Gbps?
- ⤷ What does MSA compliance mean for SFP hardware compatibility?