M2PE-52-R/CE
AI

The **M2PE-52-R/CE** is a specialized electronic component, typically categorized as an **SFP (Small Form-factor Pluggable) Transceiver Module**. These modules are critical in networking and telecommunications for converting electrical signals into optical signals and vice versa.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical attributes of the module:
| Attribute | Specification |
| :--- | :--- |
| **Module Type** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | Typically 155 Mbps to 1.25 Gbps (Variable by exact sub-revision) |
| **Interface** | LC Duplex (Optical) / 20-pin Gold-plated (Electrical) |
| **Wavelength** | 1310nm or 1550nm (Commonly Single-mode) |
| **Operating Voltage** | 3.3V DC |
| **Compliance** | RoHS, CE, FCC |
---
### 2. Internal Electronic Architecture
The module consists of several integrated electronic sub-systems:
#### A. The Transmitter Path (Electrical to Optical)
1. **Laser Driver:** An integrated circuit (IC) that takes the differential electrical signal from the host board and converts it into a current signal to drive the laser.
2. **TOSA (Transmitter Optical Sub-Assembly):** Contains the light source (often a Fabry-Perot or DFB laser) and an optical isolator.
#### B. The Receiver Path (Optical to Electrical)
1. **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that detects incoming light and converts it into a weak electrical current.
2. **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal.
3. **Limiting Amplifier:** Stabilizes the output voltage to ensure a clean digital signal for the host device.
#### C. Control and Monitoring (DDM/DOM)
Most "CE" marked modules include **Digital Diagnostics Monitoring**. This allows the network switch to monitor:
* Internal Temperature
* Supply Voltage
* Laser Bias Current
* Transmitted Optical Power
* Received Optical Power
---
### 3. Physical Interface and Pins
The "R" in the part number often signifies **RoHS compliance**, while the "CE" indicates **European Conformity**. The electrical connection is made via a 20-pin connector:
* **Pins 1, 17, 20:** Ground (Vee).
* **Pins 15, 16:** Power (Vcc).
* **Pins 12, 13:** RD- and RD+ (Differential Received Data).
* **Pins 18, 19:** TD- and TD+ (Differential Transmit Data).
* **Pins 4, 5:** I2C Interface (SDA/SCL) for module identification and monitoring.
---
### 4. Application Use Cases
* **Ethernet Switches:** Connecting high-speed backbone switches over long distances.
* **Media Converters:** Converting copper Ethernet signals to fiber.
* **Industrial Networking:** Used in ruggedized environments requiring reliable data transmission.
- ⤷What is the maximum transmission distance for the M2PE-52-R/CE?
- ⤷ Is this module hot-swappable in a live network environment?
- ⤷ How does the DDM feature help in troubleshooting fiber links?