Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2PHS2H-152-R2/Q

  • AI
    The **M2PHS2H-152-R2/Q** is a high-precision magnetic sensor module, typically utilized in industrial automation, robotics, and automotive systems for displacement or position sensing. This part is part of a series often associated with magnetic linear or rotary encoders. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications The following table outlines the core electronic and mechanical parameters for this specific module: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Magnetoresistive (MR) / Hall Effect | | **Output Interface** | High-speed Digital (A/B Phase or Serial) | | **Resolution** | 1.52mm (indicated by "152") | | **Operating Voltage** | Typically 5V DC ± 10% | | **Signal Type** | Differential RS-422 or Open Collector | | **Protection Class** | IP67 (Dust/Water resistant) | --- ### 2. Functional Electronic Components The internal architecture of the M2PHS2H series consists of several critical electronic sub-systems: #### A. Magnetoresistive (MR) Element The heart of the part is the MR sensor chip. It detects changes in the magnetic field as a magnetic scale (tape or ring) moves past the sensor head. It converts magnetic flux density into electrical resistance changes. #### B. Signal Processing ASIC The raw analog signal from the MR element is too weak and noisy for direct use. An internal **Application-Specific Integrated Circuit (ASIC)** performs: * **Interpolation:** Increasing the resolution beyond the physical pole pitch. * **Digitization:** Converting analog sine/cosine waves into square wave pulses. * **Error Correction:** Compensating for temperature drift or mounting offsets. #### C. Output Driver Stage The "R2/Q" suffix usually denotes specific output characteristics: * **Differential Drivers:** Uses Line Driver (RS-422) logic to ensure noise immunity over long cable runs. * **Quadrature Output:** Provides A and B phases shifted by 90° to determine the direction of movement. --- ### 3. Pinout and Connection Logic While colors can vary by manufacturer (often associated with brands like Magnescale or similar industrial suppliers), the standard electronic wiring follows this logic: ```yaml Pin 1: VCC (+) - Power Supply Pin 2: GND (-) - Common Ground Pin 3: Phase A - Primary Position Pulse Pin 4: Phase /A - Inverted A (Differential) Pin 5: Phase B - Directional Pulse Pin 6: Phase /B - Inverted B (Differential) Pin 7: Phase Z - Index/Reference Mark (Optional) Pin 8: Shield - Earth Ground for EMI Protection ``` --- ### 4. Application Context The **R2** designation often refers to the cable exit style or a specific revision of the internal circuit board (PCB) designed for higher vibration resistance. The **Q** often indicates a specific connector type (like an M12 or D-Sub connector) or a specific qualification standard (Automotive/Industrial grade). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing speed supported by the M2PHS2H series?
    • ⤷ How does the '152' resolution code translate to microns or pulses per mm?
    • ⤷ What type of magnetic scale is compatible with this sensor?