Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2PHS2L-C4-R2/CE

  • AI
    The **M2PHS2L-C4-R2/CE** is a high-performance industrial controller, typically part of a modular **PLC (Programmable Logic Controller)** or **DCS (Distributed Control System)** series. It is designed for process automation, motion control, and high-speed data processing. --- ## 1. Technical Specifications Overview | Parameter | Details | | :--- | :--- | | **Component Type** | Main Processing Unit / Controller Module | | **CPU Architecture** | High-speed RISC or specialized 32-bit processor | | **Redundancy Support** | Supported (indicated by the 'R2' designation) | | **Communication Ports** | Ethernet (RJ45), Serial (RS-232/485), and Proprietary Bus | | **Input Voltage** | Typically 24V DC (Standard Industrial Range) | | **Compliance/Safety** | CE Marked (European Conformity) | --- ## 2. Key Electronic Features ### A. Redundancy (R2 Designation) The "R2" suffix usually indicates that this module supports **Dual Redundancy**. In industrial settings, two of these units are often paired. If the primary controller fails, the secondary takes over within milliseconds to prevent system downtime. ### B. Communication Interface (C4) The "C4" code typically refers to the communication configuration. This often includes: * **Dual Ethernet Ports:** For ring topology or separate control/management networks. * **Fieldbus Integration:** Compatibility with protocols like Modbus TCP/IP, PROFINET, or EtherCAT. ### C. Processing Power & Memory * **Real-Time OS:** Built to handle thousands of I/O points with deterministic cycle times (usually < 1ms). * **Non-Volatile Memory:** Includes Flash memory for program storage and RAM for high-speed data execution, ensuring logic is retained during power loss. --- ## 3. Physical & Electrical Construction * **Heat Dissipation:** Features a rugged aluminum or high-grade polymer housing with integrated heat sinks or ventilation slots for fanless operation. * **Circuit Protection:** * **Galvanic Isolation:** Protects internal logic from external electrical noise or surges on the I/O lines. * **Reverse Polarity Protection:** Prevents damage if the power supply is wired incorrectly. * **LED Indicators:** Status LEDs for Power, Run, Error, and Network activity are standard on the front panel. --- ## 4. Programming and Integration The module is programmed using standard industrial languages defined by **IEC 61131-3**: 1. **Ladder Diagram (LD)** 2. **Function Block Diagram (FBD)** 3. **Structured Text (ST)** ### Example: Connection Logic Template ```json { "module": "M2PHS2L-C4-R2", "interface": "Ethernet", "protocol": "Modbus TCP", "role": "Master/Slave" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of this controller model?
    • ⤷ How do you configure the redundancy settings for the R2 version?
    • ⤷ What is the maximum I/O point capacity for this specific CPU?