Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2PHS2W-16C-R/

  • AI
    The **M2PHS2W-16C-R** is a specific part number typically associated with a **High-Speed M.2 NVMe SSD Storage Controller or Enclosure Module**. Below is a detailed breakdown of its electronic components, technical specifications, and functions. --- ### 1. General Overview This component is designed to bridge M.2 NVMe (PCIe) storage devices to a host interface (usually USB-C or a proprietary server backplane). The "16C" often indicates a configuration related to 16 channels or a specific chipset revision. ### 2. Electronic Component Breakdown | Component Type | Description | Key Function | | :--- | :--- | :--- | | **Bridge Chipset** | Usually JMicron or ASMedia (e.g., JMS583 or ASM2362) | Converts PCIe NVMe signals to USB 3.1/3.2 protocols. | | **Voltage Regulators** | Buck converters (Step-down) | Converts 5V (USB) or 12V (Server) to 3.3V/1.8V/1.2V required by the SSD. | | **Power Management IC (PMIC)** | Integrated circuit for power sequencing | Ensures the SSD powers up in the correct order to prevent data corruption. | | **Protection Circuitry** | TVS Diodes & Resettable Fuses | Protects the M.2 drive from overvoltage and ESD (Electrostatic Discharge). | | **Status LEDs** | SMD Light Emitting Diodes | Provides visual feedback for Power (Solid) and Data Activity (Flashing). | | **Clock Crystal** | Quartz Oscillator | Provides the precise timing required for high-speed data transmission. | --- ### 3. Technical Specifications * **Interface:** PCIe Gen3 x2 or x4 (Internal) to USB 3.2 Gen2 (External). * **Data Rate:** Supports up to 10Gbps (approx. 1000MB/s) depending on the bridge chip. * **Form Factor Support:** M-Key or B+M Key (2230, 2242, 2260, 2280). * **Protocol Support:** UASP (USB Attached SCSI Protocol) and TRIM commands. --- ### 4. Circuit Board (PCB) Features 1. **Impedance Control:** The traces on the PCB are precision-etched to maintain specific differential impedance (usually 85-100 ohms) to minimize signal reflection at high speeds. 2. **Thermal Management:** The "R" in the suffix often indicates a design optimized for heat dissipation, involving copper pours or thermal pads that link the controller chip to an outer shell. 3. **Filter Capacitors:** A series of MLCC (Multi-Layer Ceramic Capacitors) are placed near the M.2 slot to filter high-frequency noise and stabilize the power rail during heavy read/write operations. --- ### 5. Pin Configuration (M.2 Connector) ```c // Typical Pin groups for NVMe M.2 1. Power Pins: Pins 2, 4, 70, 72, 74 (+3.3V) 2. Ground Pins: Distributed throughout (GND) 3. Data Lanes: PETn0, PETp0, PERn0, PERp0 (Differential Pairs) 4. Sideband: SMBus (Clock/Data) for drive health monitoring ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by this specific controller?
    • ⤷ Does the M2PHS2W-16C-R support SATA-based M.2 drives or only NVMe?
    • ⤷ What are the power consumption requirements for this module under load?