M2PHS2W-16C-R/N
AI

The **M2PHS2W-16C-R/N** is a specific part number belonging to the category of high-density, multi-pin electrical connectors, typically utilized in automotive or industrial wire-to-board applications.
Below is a breakdown of the electronic and mechanical characteristics associated with this series of connectors.
---
### 1. Technical Specifications
| Characteristic | Description |
| :--- | :--- |
| **Component Type** | Male Pin Header (Shroud/Housing) |
| **Number of Positions** | 16-Pin |
| **Configuration** | 2-Row (Dual Row), 8 pins per row |
| **Mounting Type** | Through-hole (typically Right Angle or Vertical depending on suffix) |
| **Pitch** | Standardized (often 2.0mm or 2.54mm depending on sub-series) |
| **Contact Material** | Copper Alloy with Tin or Gold plating |
| **Termination Method** | Solder |
---
### 2. Part Number Breakdown (Functional Logic)
While specific to the manufacturer's catalog (often linked to brands like JST, Molex, or localized industrial suppliers), the code generally breaks down as follows:
* **M2PH**: Series designation (Multi-pin Pin Header).
* **S2W**: **S**hrouded, **2**-**W**ay/Row design. This ensures the connection is polarized (cannot be plugged in backward).
* **16C**: Represents the total circuit count (**16 Circuits**).
* **R/N**:
* **R**: Often denotes a "Right Angle" orientation for the pins.
* **N**: Can indicate a "Natural" color for the plastic housing (usually white or beige nylon).
---
### 3. Key Electronic Features
1. **Current Rating:** Designed to handle low to medium current, usually between **1.0A to 3.0A** per pin.
2. **Voltage Rating:** Typically rated for **100V to 250V AC/DC**.
3. **Dielectric Withstanding Voltage:** Usually tested to 500V - 1000V AC to ensure insulation integrity between adjacent pins.
4. **Insulation Resistance:** High-grade thermoplastic (UL94V-0) provides resistance of at least 1000MΩ.
5. **Polarization & Locking:** The "shrouded" nature of the header prevents mis-mating and often includes a friction lock or mechanical latch to resist vibration.
---
### 4. Typical Applications
* **Automotive Electronics:** Used in dashboard modules, sensor interfaces, and lighting controllers.
* **Industrial Automation:** Connecting PLCs to peripheral sensors or I/O boards.
* **Consumer Electronics:** Internal power and signal routing within larger appliances or HVAC units.
---
- ⤷
What is the exact pitch measurement (in mm) for this 16-pin connector?
- ⤷ Does this part number include a locking latch for high-vibration environments?
- ⤷ What are the recommended soldering temperature profiles for the M2PH series?