AI

The **M2PHSW-A1-R2/CE** is a specialized industrial electronic component, typically categorized as a **Limit Switch** or **Position Switch**, often associated with the **M2P series** produced by manufacturers like **Moujen** or similar industrial control brands.
Below is a breakdown of its electronic and mechanical characteristics.
---
### 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Heavy-duty Limit Switch / Micro Switch |
| **Actuator Type** | Side Rotary (Adjustable Roller Lever) |
| **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) |
| **Rated Voltage** | 250V AC / 125V DC (Typical) |
| **Current Rating** | 10A (Resistive Load) |
| **Protection Rating** | IP65 / IP67 (Dust-tight and Water-resistant) |
| **Body Material** | Die-cast Aluminum / Zinc Alloy |
| **Certification** | CE (European Conformity) |
---
### 2. Electronic Component Breakdown
#### A. Contact Block Mechanism
The internal "heart" of the switch usually consists of a **Double-break contact mechanism**.
* **1NO + 1NC:** This allows for a "Changeover" function. When the lever is pushed, the closed circuit opens and the open circuit closes simultaneously.
* **Bifurcated Contacts:** Often used to ensure high reliability even at low voltage/current (logic levels).
#### B. The Actuator (R2 Suffix)
The `R2` in the model name specifically refers to the **Adjustable Roller Lever**.
* **Mechanical to Electronic Conversion:** The lever translates physical movement (e.g., a machine arm hitting the roller) into a mechanical force that triggers the internal microswitch.
* **Adjustability:** The length of the arm can be adjusted to change the torque requirements or the reach of the switch.
#### C. Circuitry and Terminals
* **Screw Terminals:** Internally, the switch features three or four screw terminals for secure wiring.
* **Conduit Entry:** The `A1` or specific housing codes usually indicate the size of the cable entry (e.g., G1/2" or M20 thread) for industrial electrical conduits.
---
### 3. Key Electronic Functions
1. **End-of-Travel Sensing:** Used to cut power to a motor once a part reaches a specific position.
2. **Safety Interlocking:** Used on machine doors; if the door opens, the switch breaks the circuit to stop the machine.
3. **Position Detection:** Sends a signal to a PLC (Programmable Logic Controller) to indicate that a process step is complete.
---
### 4. Environmental & Durability Features
* **CE Marking:** Indicates compliance with EU safety, health, and environmental protection requirements.
* **Sealings:** Includes rubber gaskets at the head and the conduit entry to prevent oil, water, or coolants from shorting the electronic contacts.
- ⤷
What is the difference between the R2 lever and a plunger-type actuator?
- ⤷ How do I wire this switch to a 24V PLC input?
- ⤷ Can this switch be used in explosive environments (ATEX)?