M2PP-11N-R/N
AI

The **M2PP-11N-R/N** is a specific electronic component typically categorized as a **Panel Mount Pushbutton Switch**. It is commonly used in industrial control panels, medical equipment, and automation systems due to its durability and specific feedback mechanisms.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for the M2PP series:
| Parameter | Specification |
|:---|:---|
| **Switching Type** | DPDT (Double Pole Double Throw) |
| **Action** | Momentary (Non-locking) |
| **Voltage Rating** | 125VAC / 250VAC |
| **Current Rating** | 5A to 10A (Depending on configuration) |
| **Illumination** | Non-Illuminated (N-suffix indicates no LED) |
| **Mounting Hole** | Rectangular / Square (Typically 19mm x 26mm) |
| **Terminal Type** | Solder Terminals / Quick Connect |
---
### 2. Breakdown of the Model Code
The part number follows a structured nomenclature to define its electronic behavior:
* **M2P**: Refers to the series (Large Square/Rectangular Pushbutton).
* **P**: Indicates the shape (Rectangular).
* **11**: Refers to the contact configuration (1 NO + 1 NC or DPDT).
* **N**: Indicates the button type (Non-illuminated).
* **R**: Represents the **Red** color of the cap/button.
* **N**: Additional suffix indicating standard operating force or specific mounting hardware.
---
### 3. Key Internal Components
1. **Contact Block**: High-conductivity silver alloy contacts designed to handle AC loads without excessive arcing.
2. **Spring Mechanism**: A stainless steel return spring that ensures the switch returns to its original position (Momentary action).
3. **Housing**: Heat-resistant UL94V-0 plastic (typically Polyamide or PBT) to ensure safety during electrical faults.
4. **Terminal Pins**: Tin-plated brass for high solderability and low contact resistance.
---
### 4. Circuit Diagram Representation
The DPDT configuration for this switch can be represented as follows:
```text
[Terminal 1] --- (NC) --- [Common A]
[Terminal 2] --- (NO) --- [Common A]
[Terminal 3] --- (NC) --- [Common B]
[Terminal 4] --- (NO) --- [Common B]
```
---
- ⤷What is the difference between the M2PP-11N and the illuminated versions?
- ⤷ How do I wire the DPDT terminals for a simple motor control?
- ⤷ What is the mechanical lifespan (number of operations) for this switch?