M2PP-14R-R/
AI

The **M2PP-14R-R** is a specific part number belonging to a series of **Rotary DIP Switches** manufactured by **Copal Electronics** (now Nidec Components). These switches are commonly used on Printed Circuit Boards (PCBs) to set configuration parameters, such as device IDs or operating modes.
---
## Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the M2PP-14R-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rotary DIP Switch |
| **Output Code** | Complementary Code (14-position) |
| **Number of Positions** | 14 |
| **Actuator Style** | Flush (requires a screwdriver or tool) |
| **Mounting Type** | Through-hole (PHT) |
| **Contact Rating** | 100mA @ 5V DC (Switching), 100mA @ 50V DC (Non-switching) |
| **Contact Resistance** | 100 mΩ maximum |
| **Operating Temp** | -25°C to +70°C |
---
## Key Components & Design
### 1. Actuator and Coding
The "14" in the part number indicates a 14-position layout. The "R" usually refers to the **Complementary Code**. Unlike standard Binary Coded Decimal (BCD), where the pins represent the value of the number selected, a complementary code provides the inverse logical state for each position.
### 2. Sealed Construction
These switches are typically **washable**. They feature an O-ring or a sealed cover that prevents solder flux or cleaning solvents from entering the internal contact mechanism during the manufacturing process.
### 3. Contact Mechanism
* **Gold-plated contacts:** To ensure high reliability and prevent oxidation over long periods.
* **Wiping action:** Every time the switch is turned, the contacts "wipe" each other to remove any microscopic debris.
---
## Pinout and Logic Logic
While the exact physical footprint depends on the package style (P-type stands for standard pin layout), a 14-position rotary switch generally utilizes a common pin and four or five data pins to represent the positions in binary or complementary binary format.
### Typical Applications
* **Address Setting:** Assigning a unique ID to a sensor in a daisy-chained industrial network.
* **Mode Selection:** Choosing between different firmware behaviors in embedded systems.
* **Industrial Controls:** Setting timer durations or threshold levels on a control board.
- ⤷
What is the difference between Real Code and Complementary Code in rotary switches?
- ⤷ Can this switch be used for Surface Mount (SMD) applications?
- ⤷ What specific screwdriver size is required to adjust the M2PP series actuator?