M2PP-94R-R/UL
AI

The **M2PP-94R-R/UL** is a specific electronic component typically categorized as a **modular jack or connector**, often used in telecommunications and networking equipment. Below is a detailed breakdown of its electronic parts and technical specifications.
---
## 1. Technical Overview
This part is a **Single Port RJ11/RJ12 Modular Jack**. It is designed for Printed Circuit Board (PCB) mounting and is commonly used for telephone lines or low-speed data serial connections.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ11 / RJ12 (6P4C or 6P6C) |
| **Orientation** | Right Angle (Horizontal) |
| **Mounting Type** | Through-Hole (THT) |
| **Shielding** | Unshielded |
| **Safety Standard** | UL Recognized (UL 94V-0) |
| **Contact Plating** | Gold over Nickel |
---
## 2. Component Breakdown
### A. The Housing (Insulator)
* **Material:** Usually high-temperature thermoplastic (e.g., PBT or Nylon).
* **Flammability Rating:** The "UL" in the part number signifies compliance with **UL 94V-0**, meaning the plastic is self-extinguishing and meets strict fire safety standards.
### B. Contact Pins (Lead Frame)
* **Configuration:** Typically "4R" or "6R" indicates the number of contacts. In this series, it usually refers to a 6-position housing.
* **Material:** Phosphor Bronze is the standard base metal due to its excellent elasticity and conductivity.
* **Plating:** The contact area is plated with **Gold** (often 3μ", 15μ", or 50μ") to prevent oxidation and ensure a low-resistance connection over thousands of mating cycles.
### C. Mechanical Design
* **Right Angle (R):** The "R" in the suffix usually denotes a 90-degree orientation. This allows the cable to be plugged in parallel to the PCB, saving vertical space in slim devices.
* **Solder Tails:** These are the pins that protrude through the PCB. They are tin-plated to ensure easy soldering during the manufacturing process.
---
## 3. Common Applications
Due to its robust UL rating and standard footprint, this part is found in:
1. **Modems and Routers:** For DSL or telephone line inputs.
2. **Security Systems:** Connecting control panels to phone dialers.
3. **Industrial Controllers:** Used for RS-232 or RS-485 serial communication via modular cables.
4. **Telephony:** Standard wall jacks or internal PBX system connections.
---
- ⤷What is the difference between 6P4C and 6P6C configurations for this part?
- ⤷ Does this model come in a shielded version for EMI protection?
- ⤷ What are the recommended soldering temperature profiles for UL 94V-0 plastics?