AI

The **M2PRU-A27R-R2/UL** is a high-performance, industrial-grade AC/DC switching power supply module, often utilized in redundant power configurations for servers, networking equipment, and storage systems.
Below is a detailed breakdown of its electronic specifications and technical features.
---
### 1. General Specifications
This unit is typically categorized as a **1U Redundant Power Supply Unit (PSU)**.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Etasis (Common OEM) |
| **Form Factor** | 1U Proprietary / Module |
| **Maximum Power Output** | 275W - 300W (Model dependent variant) |
| **Input Voltage Range** | 100V - 240V AC (Auto-ranging) |
| **Efficiency Rating** | 80 PLUS Silver/Gold (Depending on revision) |
| **Certification** | UL, TUV, CE, CB |
### 2. Output Rail Characteristics
The power is distributed across several DC rails to support logic boards and peripheral hardware.
| Rail | Max Current (Approx.) | Function |
| :--- | :--- | :--- |
| **+3.3V** | 15A - 20A | Logic circuits, memory |
| **+5V** | 15A - 20A | Storage drives, USB, Logic |
| **+12V** | 18A - 22A | CPU, GPU, Cooling Fans |
| **-12V** | 0.5A | Legacy serial ports |
| **+5Vsb** | 2.0A - 3.0A | Standby power (Always on) |
### 3. Key Electronic Features
* **PFC (Power Factor Correction):** Includes Active PFC to ensure high energy efficiency and reduced harmonic distortion on the power grid.
* **Redundancy Support:** Equipped with an internal "Oring" Diode or MOSFET circuit, allowing it to work in parallel with a second module (N+1 redundancy) without back-feeding power.
* **Protection Circuits:**
* **OVP (Over Voltage Protection):** Shuts down the unit if voltage exceeds safe limits.
* **OCP (Over Current Protection):** Prevents damage from excessive current draw.
* **SCP (Short Circuit Protection):** Immediate shutoff in case of a short.
* **OTP (Over Temperature Protection):** Monitors internal heatsinks via thermistors.
* **Cooling:** Internal 40mm high-speed ball-bearing fan with PWM speed control based on load and temperature.
### 4. Interface and Connection
The "R2/UL" suffix usually denotes a specific connector type and safety certification.
* **Connector Type:** Typically uses a gold-finger edge connector (PCB-based) rather than standard ATX cables. This slides into a power distribution board (PDB).
* **Communication:** Supports **PMBus** or **I2C** protocols for digital monitoring of fan speed, temperature, and power consumption by the system BIOS/BMC.
---
- ⤷What is the pinout for the gold-finger connector on this PSU?
- ⤷ Can this PSU be used as a standalone unit without a power distribution board?
- ⤷ What are the specific dimensions of the M2PRU-A27R-R2/UL?