M2PV-C16-R/CE
AI

The **M2PV-C16-R/CE** is a high-performance **M.2 NVMe SSD to USB-C 3.1 Gen 2 Enclosure**, typically manufactured by **ORICO**. It is designed to bridge the gap between internal solid-state drives and external USB connectivity.
---
## Technical Specifications
The internal electronic components are optimized for high-speed data transfer and thermal management.
| Feature | Specification |
| :--- | :--- |
| **Main Controller (Bridge)** | Realtek RTL9210 |
| **Interface (Internal)** | M.2 M-Key / B&M-Key (NVMe PCIe Protocol) |
| **Interface (External)** | USB 3.1 Gen 2 Type-C |
| **Transmission Speed** | Up to 10Gbps |
| **Max Capacity Support** | 2TB |
| **Supported Sizes** | 2230, 2242, 2260, 2280 |
| **UASP / Trim Support** | Yes |
---
## Key Electronic Components & Functions
### 1. The Controller (Realtek RTL9210)
The heart of the device is the **Realtek RTL9210** bridge chip. This specific IC is highly regarded for:
* **Protocol Translation:** It converts NVMe commands into USB mass storage commands.
* **Low Power Consumption:** It features a high-efficiency power management unit (PMU) that reduces heat compared to older JMicron controllers.
* **Reliability:** It prevents disconnects during high-load file transfers.
### 2. Thermal Management Circuitry
Because NVMe drives generate significant heat (often exceeding 70°C under load), the electronics are housed in a specialized chassis:
* **Aluminum Alloy Shell:** Acts as a passive heat sink.
* **Thermal Pads:** Conducts heat directly from the SSD controller and NAND chips to the metal exterior.
* **Fin Design:** The "R" variant often features a finned top cover to increase surface area for heat dissipation.
### 3. Protection Circuits
The PCB (Printed Circuit Board) includes several safety features:
* **Over-Current Protection (OCP):** Prevents damage if the SSD draws too much power.
* **Short-Circuit Protection:** Protects the host computer's USB port.
* **ESD Protection:** Shields the internal components from static electricity during handling.
### 4. Connectivity & LED Indicators
* **USB-C Port:** A robust 24-pin connector supporting reversible plugging and high-speed data lanes.
* **LED Status Indicator:** A small SMD (Surface Mount Device) LED that shows power status (solid) and data activity (flashing).
---
## Usage Requirements
To achieve the electronic potential of 10Gbps, the host device must support **USB 3.1 Gen 2** or **USB 3.2 Gen 2**. If plugged into a USB 3.0 port, the electronics will "handshake" and down-negotiate the speed to 5Gbps.
- ⤷
What is the difference between the Realtek RTL9210 and the RTL9210B controller?
- ⤷ Does this enclosure support SATA-based M.2 drives?
- ⤷ How do thermal pads affect the lifespan of the NVMe drive in this enclosure?