Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2PV-C1A-R/UL

  • AI
    The **M2PV-C1A-R/UL** is a specific model within a series of industrial **electronic signal converters** (often referred to as signal conditioners or transducers). These devices are primarily used in automation and control systems to convert high-power AC parameters into low-power DC signals suitable for PLCs (Programmable Logic Controllers) or SCADA systems. --- ## Technical Specifications & Features The following table outlines the core electronic characteristics of the M2PV series: | Component | Description | | :--- | :--- | | **Input Type** | AC Voltage (typically 0–110V, 0–220V, or 0–440V AC) | | **Output Type** | DC Voltage or Current (e.g., 4–20mA, 0–10V, 1–5V DC) | | **Power Supply** | Usually 100–240V AC or 24V DC (Model dependent) | | **Accuracy** | ±0.3% to ±0.5% of full scale | | **Isolation** | 3-way isolation (Input, Output, and Power) | | **Mounting** | Standard DIN rail mounting | --- ## Breakdown of the Model Suffixes The suffix **"R/UL"** provides critical information regarding the internal electronics and certifications: 1. **-R (Response/Output characteristic):** * This often denotes a specific response speed or a "Root Mean Square" (RMS) conversion circuit. * In electronic terms, it means the device uses an internal precision rectifier and filtering circuit to provide a stable DC output despite ripples in the input AC wave. 2. **/UL (Certification):** * This indicates that the electronic components and the housing meet **Underwriters Laboratories (UL)** safety standards. * This ensures the internal transformers and insulation can withstand high-voltage spikes without posing a fire or shock hazard in industrial environments. --- ## Internal Electronic Workflow The M2PV-C1A-R operates through four main stages: ### 1. Input/Sensing Stage High-voltage AC signals are stepped down using a precision instrument transformer. This provides the first layer of galvanic isolation. ### 2. Signal Processing (Conditioning) The signal is passed through a **Bridge Rectifier** and an **Active Filter**. If it is an RMS model, it uses a specialized IC to calculate the true heat value of the waveform, ensuring accuracy even if the input sine wave is distorted. ### 3. Isolation Stage The circuit uses **Opto-couplers** or **Magnetic Coupling** to ensure that a fault on the high-voltage side (the input) does not destroy the sensitive low-voltage side (the PLC/output). ### 4. Output Stage A **Linear Amplifier** drives the final output signal (like 4-20mA). It is designed to maintain a constant current or voltage regardless of the resistance of the connected wires (load compensation). --- ## Typical Connection Diagram ```mermaid graph LR A[AC Voltage Source] -->|Input| B(M2PV Converter) B -->|Isolated DC Signal| C[PLC / Controller] D[Auxiliary Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output ranges for the C1A variant?
    • ⤷ How does the 'R' suffix specifically affect the response time of the signal?
    • ⤷ Is this device compatible with non-sinusoidal AC waveforms?