M2PV-C1S1-R/N
AI

The **M2PV-C1S1-R/N** is a specific model identifier for an M.2 NVMe SSD enclosure, typically manufactured by **ORICO**. This device is designed to convert an internal M.2 SSD into a high-speed external portable drive.
Below is an explanation of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface** | USB 3.1 Gen2 Type-C |
| **Transmission Rate** | Up to 10Gbps |
| **Control Scheme** | Realtek RTL9210 |
| **Supported Protocols** | NVMe (PCIe) |
| **Supported SSD Keys** | M-Key / B+M Key |
| **Material** | Aluminum Alloy + ABS Plastic |
---
### 2. Core Electronic Components
#### A. The Bridge Controller (The "Brain")
The heart of this device is the **Realtek RTL9210**. This is a bridge chip that translates the **NVMe/PCIe** signals from the SSD into **USB 3.1 Gen2** signals.
* **Performance:** It handles the overhead of the protocol conversion while maintaining low latency.
* **Features:** It supports **UASP** (USB Attached SCSI Protocol) for faster data transfer and **TRIM** commands to help maintain SSD health over time.
#### B. Power Management Circuitry
Since NVMe SSDs can be power-hungry, the PCB (Printed Circuit Board) includes:
* **Voltage Regulators:** Converts the 5V provided by the USB port down to the 3.3V required by the M.2 SSD.
* **Over-current Protection (OCP):** Safeguards both the SSD and the host computer from power surges.
#### C. Thermal Management System
High-speed NVMe drives generate significant heat during sustained writes. This model utilizes:
* **Aluminum Heatsink Fin:** The top cover is designed with "fins" to increase surface area for heat dissipation.
* **Thermal Pad:** A silicone pad bridges the physical gap between the SSD controller and the metal casing, acting as a thermal conductor.
#### D. LED Indicator Logic
A small SMD (Surface Mount Device) LED is integrated into the board to communicate the status:
* **Solid Light:** Power is connected/Idle.
* **Flashing Light:** Data transfer/Active read-write.
---
### 3. Connection & Layout
The internal PCB features a standard **67-pin M.2 slot**. The physical design allows for various lengths of SSDs, usually identified by the following mounting holes:
* **2230, 2242, 2260, and 2280** (22mm wide, and 30-80mm long).
---
- ⤷Does the RTL9210 chip support SATA M.2 drives or only NVMe?
- ⤷ What is the maximum storage capacity supported by this enclosure?
- ⤷ How does UASP improve the transfer speed of this device?