M2PV-C1S2-R2
AI

The **M2PV-C1S2-R2** is a specific model of an external M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a portable high-speed external drive.
Below is a breakdown of its electronic components, technical specifications, and internal architecture.
---
### 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Control Chip (Bridge)** | Realtek RTL9210 |
| **Input Interface** | M-Key / B&M-Key (NVMe Protocol) |
| **Output Interface** | USB 3.1 Gen2 Type-C |
| **Transfer Speed** | Up to 10Gbps |
| **Supported Sizes** | 2230, 2242, 2260, 2280 |
| **Max Capacity** | 2TB (Typical) |
---
### 2. Key Electronic Components
The "R2" revision typically indicates a specific hardware iteration. The electronic performance is driven by these internal parts:
#### A. The Bridge Controller: Realtek RTL9210
The heart of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that translates **PCIe (NVMe)** signals to **USB 3.1 Gen2**.
* **Efficiency:** It is known for lower power consumption compared to older JMicron controllers, which reduces heat.
* **UASP & TRIM Support:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD longevity.
#### B. Power Management Circuitry
Since NVMe SSDs can draw significant power (often 3.3V at 1A-2.5A), the PCB includes:
* **Step-down Converters (Buck Regulators):** Converts the 5V provided by the USB port into a stable 3.3V required by the M.2 SSD.
* **Over-current Protection:** Prevents damage to the host computer or the SSD in case of a short circuit.
#### C. Passive Cooling Components
Because the RTL9210 and NVMe drives generate significant heat during 10Gbps transfers, the "electronic" design relies on:
* **Thermal Pads:** Conducts heat from the controller and the SSD to the aluminum shell.
* **Finned Aluminum Heatsink:** The "C1S2" design usually features a finned top cover to increase surface area for heat dissipation.
---
### 3. Pinout and Compatibility
The internal slot uses an **M-Key** physical connector. It is important to note the electronic protocol compatibility:
1. **Supported:** NVMe PCIe protocol SSDs.
2. **Not Supported:** M.2 SATA (NGFF) protocol SSDs.
3. **Physical Layout:** The PCB has multiple mounting holes for the screw/rubber plug to secure various lengths of SSDs (2230 through 2280).
---
### 4. Status Indicator (LED)
The board includes a Surface Mount Device (SMD) LED:
* **Solid Blue/White:** Power is connected/Standby.
* **Flashing:** Data is being read from or written to the drive.
- ⤷
Does the RTL9210 chip support firmware updates for better compatibility?
- ⤷ Is this enclosure compatible with Thunderbolt 4 ports?
- ⤷ What is the maximum power draw this enclosure can handle from a USB port?