AI

The **M2PV-C1S4-R/N** is a specific model of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe solid-state drive into a portable external storage device.
Below is a breakdown of its electronic components, technical specifications, and internal architecture.
---
### 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210 |
| **Interface (External)** | USB 3.1 Gen 2 Type-C |
| **Interface (Internal)** | M-Key / B+M Key (NVMe PCI-E Protocol) |
| **Data Transfer Rate** | Up to 10Gbps |
| **Support Capacity** | Up to 2TB |
| **Cooling System** | Built-in Cooling Fan + Aluminum Heat Sink |
---
### 2. Key Electronic Components
#### A. The Bridge Controller (The "Brain")
The heart of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that translates **PCIe (NVMe)** signals into **USB** signals.
* **Protocol Conversion:** It handles the transition between NVMe (the drive's native language) and USB 3.1 Gen 2.
* **UASP Support:** It supports USB Attached SCSI Protocol, which reduces CPU overhead and increases data transfer speeds.
* **TRIM Support:** Ensures the SSD can manage its free space efficiently over time.
#### B. Active Cooling System
Unlike standard passive enclosures, the "C1S4" series features an integrated **active cooling fan**.
* **Fan Control:** Small internal circuitry manages the RPM of the fan based on power delivery.
* **Heat Dissipation:** The fan pulls heat away from the controller and the SSD, venting it through the aluminum chassis. This prevents **thermal throttling**, where the SSD slows down to protect itself from heat.
#### C. Power Management Circuitry
The PCB (Printed Circuit Board) contains voltage regulators to step down the 5V supplied by the USB port to the **3.3V** required by most M.2 NVMe drives.
* **Protection:** Includes over-current and short-circuit protection to prevent damage to the host computer or the SSD.
---
### 3. Physical Layout and Indicators
* **LED Indicator:** A blue LED typically signals power status and flashes during data read/write operations.
* **Connector:** A high-quality Type-C port soldered to the PCB, designed for high-frequency data transmission.
* **Sleep Mode:** The firmware on the RTL9210 chip is usually programmed to enter a "Sleep Mode" after 10 minutes of inactivity to save power and extend the SSD's lifespan.
---
### 4. Compatibility Summary
| Component Type | Compatibility |
| :--- | :--- |
| **SSD Form Factor** | 2230, 2242, 2260, 2280 |
| **Bus Protocol** | NVMe (PCIe) only (Does **not** support SATA/NGFF) |
| **OS Support** | Windows, Mac OS, Linux, Android |
---
- ⤷
Does this enclosure support M.2 SATA drives as well as NVMe?
- ⤷ How does the cooling fan impact the power draw from a laptop?
- ⤷ Is the Realtek RTL9210 controller better than the JMicron JMS583?