M2PV-C1SB-R2
AI

The **M2PV-C1SB-R2** is an internal model designation typically used by **ORICO** for their M.2 NVMe SSD Enclosures. This specific model is a high-performance external storage solution that bridges the gap between internal NVMe storage and external USB interfaces.
---
## 1. Core Electronic Components
The functionality of the M2PV-C1SB-R2 relies on several critical electronic sub-systems:
| Component | Function | Detail |
| :--- | :--- | :--- |
| **Bridge Controller** | Realtek RTL9210 | Converts PCIe NVMe signals to USB 3.1 Gen2 protocols. |
| **Interface Port** | USB Type-C | Supports data transfer rates up to 10Gbps. |
| **PCB Layout** | Multi-layer FR4 | Designed for high-frequency signal integrity and heat dissipation. |
| **Voltage Regulator** | Buck Converter | Steps down 5V (USB) to 3.3V (standard for M.2 SSDs). |
| **Thermal Pad** | Passive Cooling | Conducts heat from the SSD controller to the aluminum alloy shell. |
---
## 2. Technical Specifications
Below are the electronic specifications and limitations of the device:
### Connectivity & Power
- **Input Interface:** USB 3.1 Gen2 Type-C.
- **Max Bandwidth:** 10 Gbps (Theoretical speed ~1000MB/s).
- **Power Delivery:** Bus-powered via USB (Requires ~5V/0.9A to 5V/1.5A depending on the SSD).
### Supported SSD Types
- **Protocol:** NVMe (PCIe-based). *Note: Does not support SATA/NGFF protocol.*
- **Form Factors:** 2230, 2242, 2260, and 2280.
- **Key Type:** M-Key or B+M Key.
---
## 3. Circuit Design Highlights
1. **The RTL9210 Chipset:** This is the "brain" of the device. It is favored in high-end enclosures because it features a low-temperature operation profile and includes a built-in mechanism to prevent data corruption during accidental disconnects.
2. **ESD Protection:** The PCB usually includes TVS (Transient Voltage Suppressor) diodes near the Type-C port to protect the internal circuitry from static electricity when plugging/unplugging.
3. **LED Indicator:** A surface-mount LED is integrated into the circuit to indicate power status (solid) and data activity (blinking).
---
## 4. Operational Logic Block Diagram
```mermaid
graph LR
A[USB-C Host] -- 5V Power / Data --> B[TVS Protection]
B --> C[Realtek RTL9210 Bridge]
C -- 3.3V Rail --> D[M.2 NVMe SSD]
C -- PCIe Lanes --> D
D -- Heat --> E[Aluminum Chassis]
```
- ⤷
Does this model support SATA-based M.2 drives?
- ⤷ What is the maximum storage capacity supported by the RTL9210 controller?
- ⤷ How does the UASP protocol improve performance in this enclosure?