M2PV-C1SD-R/CE
AI

The **M2PV-C1SD-R/CE** is a high-performance M.2 NVMe SSD enclosure developed by **ORICO**. It is designed to convert an internal M.2 SSD into a portable external drive using the USB 3.2 Gen 2 standard.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The device acts as a bridge between the PCIe/NVMe protocol and the USB protocol.
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210 |
| **Output Interface** | USB 3.2 Gen 2 Type-C |
| **Transmission Rate** | 10Gbps (Theoretical) |
| **Supported Protocol** | NVMe (PCIe 3.0 x2) |
| **Supported SSD Keys** | M-Key / B+M Key |
| **SSD Form Factors** | 2230, 2242, 2260, 2280 |
| **Max Capacity** | Up to 2TB |
---
### 2. Key Electronic Components
#### A. The Bridge Controller (Realtek RTL9210)
The heart of this enclosure is the **Realtek RTL9210** chipset.
- **Function:** It translates NVMe commands into USB commands.
- **Power Management:** It is known for low power consumption and excellent thermal management compared to older JMicron controllers.
- **UASP & Trim:** It supports UASP (USB Attached SCSI Protocol) for faster data transfer and TRIM commands to maintain SSD longevity.
#### B. Thermal Management System
Because NVMe SSDs generate significant heat during 10Gbps transfers, the "C1SD" model features specific electronic/physical cooling:
- **Built-in Cooling Fan:** This specific model suffix often denotes the inclusion of an active cooling fan to prevent thermal throttling.
- **PCB Thermal Vents:** The Printed Circuit Board is designed with copper pours to help dissipate heat from the controller to the aluminum shell.
#### C. Power Regulation
- **DC-DC Buck Converter:** Converts the 5V supplied by the USB port down to the 3.3V required by M.2 NVMe SSDs.
- **Protection Circuitry:** Includes over-current, short-circuit, and over-voltage protection to ensure the SSD is not damaged during hot-plugging.
---
### 3. Physical & Electronic Interface
The device utilizes a **Type-C** interface which is reversible and supports the high-bandwidth requirements of USB 3.2 Gen 2.
- **LED Indicator:** A small surface-mount LED on the PCB indicates power status and data activity (blinking during read/write).
- **Sleep Mode:** The firmware is programmed to enter "Smart Sleep" after 10 minutes of inactivity to reduce electronic wear and heat.
---
- ⤷
Does this enclosure support SATA-based M.2 SSDs?
- ⤷ What is the maximum real-world read/write speed of the RTL9210 chip?
- ⤷ Is the cooling fan loud during high-speed data transfers?