M2PV-C1SD-R/UL
AI

The **M2PV-C1SD-R/UL** is a specific model of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a high-speed external portable drive.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The electronics of this device focus on the bridge between the PCIe/NVMe protocol and the USB protocol.
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210 (Typically) |
| **Interface (Input)** | M.2 M-Key / B+M Key |
| **Interface (Output)** | USB 3.1 Gen2 Type-C |
| **Data Transfer Rate** | Up to 10Gbps |
| **Protocol Support** | NVMe (PCIe) |
| **Power Management** | Bus-powered via USB (5V) |
---
### 2. Key Electronic Components
#### A. The Bridge Controller
The "brain" of the M2PV-C1SD-R/UL is a high-performance bridge chip. Most versions of this model use the **Realtek RTL9210**.
* **Function:** It translates NVMe commands into USB Mass Storage Class (MSC) or USB Attached SCSI Protocol (UASP) commands.
* **UASP & TRIM Support:** The electronics are designed to support TRIM (for SSD longevity) and UASP (for faster data transfer speeds).
#### B. Thermal Management System
Because NVMe SSDs generate significant heat during 10Gbps transfers, the electronics are integrated into a thermal regulation design:
* **Heat Fin Design:** The "PV" series features an integrated aluminum alloy heatsink cover.
* **PCBA Layout:** The Printed Circuit Board Assembly (PCBA) includes copper pours to dissipate heat from the controller chip to the outer shell.
#### C. Safety & Protection Circuitry
The "UL" designation often refers to compliance or specific safety standards. The internal circuitry includes:
* **Over-current Protection:** Prevents damage to the SSD if the USB port surges.
* **Short-circuit Protection:** Safeguards the host computer.
* **ESD Protection:** Protects the Type-C port from static electricity during plugging/unplugging.
---
### 3. Physical & Electronic Compatibility
The M.2 slot on the internal PCB is keyed for specific drive types:
* **Supported Sizes:** 2230, 2242, 2260, and 2280.
* **Incompatible Protocols:** This specific model usually **does not** support M.2 SATA (NGFF) drives; it is electronically wired for PCIe NVMe only.
---
### 4. Status Indicators
The board features a **Surface Mount Device (SMD) LED**:
* **Blue/White Constant:** Device is powered and recognized.
* **Flashing:** Data is being read from or written to the electronic flash cells of the SSD.
---
- ⤷
Does this model support M.2 SATA SSDs as well as NVMe?
- ⤷ What is the maximum storage capacity supported by the RTL9210 controller?
- ⤷ Is a thermal pad included in the assembly of this enclosure?