M2PV-C1SF-R/CE
AI

The **M2PV-C1SF-R/CE** is an electronic component, specifically a **M.2 SSD Enclosure** or specialized interface bridge manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe or SATA SSD into an external USB drive.
Below is a detailed breakdown of its electronic components, specifications, and architecture.
---
### 1. Core Technical Specifications
The device acts as a bridge between the PCIe/SATA protocols and the USB protocol.
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210B (Dual Protocol) |
| **Output Interface** | USB 3.1 Gen2 Type-C |
| **Transmission Rate** | 10Gbps (NVMe) / 6Gbps (SATA) |
| **Supported Protocols** | NVMe (PCIe) & NGFF (SATA) |
| **Form Factors** | 2230, 2242, 2260, 2280 |
| **Power Management** | Auto-sleep (after 10 mins of inactivity) |
---
### 2. Key Electronic Components
The PCB (Printed Circuit Board) of this device contains several critical integrated circuits and passive components:
#### A. The Bridge Controller (The Brain)
The heart of this device is the **Realtek RTL9210B**.
- It is a bridge chip that supports both **USB 3.1 Gen2** to **PCIe Gen3 x2** and **SATA 6Gbps**.
- This specific chip is highly regarded for its low power consumption and lower heat generation compared to older JMicron controllers.
#### B. Power Management Circuitry
- **Step-down Converters (Buck Regulators):** Converts the 5V power from the USB port down to 3.3V, which is the standard operating voltage for M.2 SSDs.
- **Overcurrent Protection (OCP):** Protects the host computer and the SSD from power surges.
#### C. Thermal Management Features
- **Thermal Pads:** Silicon-based pads that bridge the gap between the SSD/Controller and the metal casing.
- **Aluminum Alloy Shell:** Acts as a passive heat sink to dissipate heat generated by the high-speed data transfer.
#### D. Signal Conditioning
- **Coupling Capacitors:** Used on the high-speed differential pairs (USB and PCIe lines) to block DC bias and ensure signal integrity.
---
### 3. Functional Architecture
The electronic workflow follows this path:
1. **Input:** USB-C 5V Power + Data Differential Pairs.
2. **Conversion:** RTL9210B translates USB SCSI Subclass 1 (UASP) commands into NVMe or AHCI commands.
3. **Output:** M.2 M-Key or B+M Key physical interface.
---
### 4. Component Safety Standards
The **"CE"** suffix in the model number indicates compliance with European Union safety, health, and environmental protection requirements. This involves:
- **Electromagnetic Compatibility (EMC):** Ensuring the device doesn't interfere with other electronics.
- **RoHS Compliance:** The solder and components are lead-free.
---
- ⤷
What is the difference between the RTL9210 and RTL9210B controllers?
- ⤷ How does the UASP protocol improve the performance of this device?
- ⤷ Can this enclosure support 4TB M.2 NVMe drives?